Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1922IG-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1922IG-1
Description  Synchronous Phase Modulated Full-Bridge Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1922IG-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1922IG-1 Datasheet HTML 3Page - Linear Technology LTC1922IG-1 Datasheet HTML 4Page - Linear Technology LTC1922IG-1 Datasheet HTML 5Page - Linear Technology LTC1922IG-1 Datasheet HTML 6Page - Linear Technology LTC1922IG-1 Datasheet HTML 7Page - Linear Technology LTC1922IG-1 Datasheet HTML 8Page - Linear Technology LTC1922IG-1 Datasheet HTML 9Page - Linear Technology LTC1922IG-1 Datasheet HTML 10Page - Linear Technology LTC1922IG-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC1922-1
7
BLOCK DIAGRA
UVLO
SHUNT REG
10.25V “ON”
6V “0FF”
REF AND LDO
SLOPE
COMPENSATION
CT/R
13
6
4
15
11
20
1
9
2
7
3
5
12
19
+
18
17
8
10
16
14
PASSIVE
DELAY
SYNC
RECTIFIER
DRIVE
LOGIC
ACTIVE
DELAY
BLANK
FAULT
LOGIC
+
+
+
+
12
µA
VREF
BLANK
400mV
600mV
PULSE BY PULSE
CURRENT LIMIT
R
S
R
S
T
Q
QB
QB
Q
QB
SHUTDOWN
CURRENT LIMIT
0.4V
ERROR
AMPLIFIER
PHASE
MODULATOR
OSC
1.2V
1.2V
5V
VCC
VREF
CT
SYNC
SBUS
50k
14.9k
FB
COMP
RAMP
SS
RLEB
CS
GND
PDLY
OUTA
OUTB
OUTE
OUTF
OUTC
OUTD
ADLY
1922 • BD
OUTA
OUTB
OUTC
OUTD
RAMP
COMP
OUTE
OUTF
CURRENT DOUBLER
ACTIVE DELAY
PASSIVE DELAY
1922 TD
NOTE: SHADED AREAS CORRESPOND TO POWER DELIVERY PULSES
TI I G DIAGRA


Similar Part No. - LTC1922IG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
More results

Similar Description - LTC1922IG-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
   Synchronous Phase Modulated Full-Bridge Controller
LTC3722-1 LINER-LTC3722-1 Datasheet
319Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
LTC3722-1 LINER-LTC3722-1_15 Datasheet
347Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
LTC3722-2 LINER-LTC3722-2_15 Datasheet
347Kb / 28P
   Synchronous Dual Mode Phase Modulated Full Bridge Controllers
logo
Microsemi Corporation
LX1570 MICROSEMI-LX1570 Datasheet
257Kb / 12P
   PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER
logo
Texas Instruments
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com