Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930HMS8-8.00-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6930HMS8-8.00-TRPBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930HMS8-8.00-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6930HMS8-8.00-TRPBF Datasheet HTML 1Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 2Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 3Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 4Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 5Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 6Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 7Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 8Page - Linear Technology LTC6930HMS8-8.00-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6930-X.XX
5
6930fa
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of operating supply
voltage and frequency output: V+ = 1.7V to 5.5V and fOUT = 32.768kHz to 8.192MHz with CLOAD = 5pF, RLOAD = ∞.
TIMING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LTC6930C is guaranteed functional over the operating range of
–40°C to 85°C.
Note 3: The LTC6930C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6930C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6930I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6930H is guaranteed
to meet specified performance from –40°C to 125°C.
Note 4: Frequency accuracy and frequency drift are defined as deviation
from the nominal frequency or the nominal frequency divided by the
integer set through the DIV pins for each part. The nominal frequency for
the LTC6930 family of parts are defined as follows:
LTC6930-4.19
fNOM = 4.194304MHz
LTC6930-5.00
fNOM = 5.000000MHz
LTC6930-7.37
fNOM = 7.372800MHz
LTC6930-8.00
fNOM = 8.000000MHz
LTC6930-8.19
fNOM = 8.192000MHz
Note 5: Long-term drift of silicon oscillators is primarily due to the
movement of ions and impurities within the silicon and is tested at 30°C
under otherwise nominal operating conditions. Long-term drift is specified
as ppm/√kHr due to the typically non-linear nature of the drift. To calculate
drift for a set time period, translate that time into thousands of hours,
take the square root and multiply by the typical drift number. For instance,
a year is 8.77kHr and would yield a drift of 89ppm at 30ppm/√kHr. Drift
without power applied to the device may be approximated as 1/10th of the
drift with power, or 3ppm/√kHr for a 30ppm/√kHr device.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
trf
Output Rise/Fall Time (10% to 90%) V+ = 3V
3
ns
DCY
Duty Cycle
DIVA = DIVB = DIVC = 0; V+ = 2V to 5.5V
DIVA = DIVB = DIVC = 0
DIVA or DIVB or DIVC ≠ 0
l
l
l
35
35
48
50
50
50
65
70
52
%
%
%
DDIV
DIV to FOUT Delay
Edge of DIV Signal to 1st Accurate Output Cycle
1
Cycle
DPON
Power On Delay
V+ > 1.7V to 1st Accurate Output Cycle
l
110
μs
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, specifications apply over the full range of
operating supply voltage and frequency output: V+ = 1.7V to 5.5V and all DIV settings with CLOAD = 5pF, RLOAD = ∞.
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Maximum Low Level Input Voltage,
All Digital Input Pins
l
0.7
1.25
V
IIN
Digital Input Leakage Current, All
Digital Input Pins
0 < VIN < V+
l
±1
μA
ROUT
Output Resistance
OUT Pin, V+ = 3V
40
Ω
VOH
High Level Output Voltage
DIVA = DIVB = DIVC = 0, No Load
V+ = 5.5V
V+ = 3V
V+ = 2V
V+ = 1.7V
l
l
l
5.4
2.9
1.8
5.5
3
2
1.7
V
V
V
V
DIVA = DIVB = DIVC = 0, 1k
Ω Load to GND
V+ = 5.5V
V+ = 3V
V+ = 2V
V+ = 1.7V
l
l
l
5
2.6
1.5
5.2
2.7
1.6
1.5
V
V
V
V
VOL
Low Level Output Voltage
DIVA = DIVB = DIVC = 0, No Load
V+ = 5.5V
V+ = 3V
V+ = 2V
V+ = 1.7V
l
l
l
0
0
0
0
0.1
0.1
0.1
V
V
V
V
DIVA = DIVB = DIVC = 0, 1k
Ω Load to V+
V+ = 5.5V
V+ = 3V
V+ = 2V
V+ = 1.7V
l
l
l
0.3
0.3
0.3
0.3
0.7
0.5
0.35
V
V
V
V


Similar Part No. - LTC6930HMS8-8.00-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930HMS8-8.00-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com