Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD425 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOD425
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD425 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOD425 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD425 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD425 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD425 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD425 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD425 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOD425
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
dI/dt
RM
rr
Vdd
Vdd
Q = - Idt
t
rr
-Isd
-Vds
F
-I
-I
VDC
D UT
Vdd
Vgs
Vds
Vgs
RL
Rg
Resistive Switching Test Circuit & W aveform s
Vgs
Vds
t
t
t
t
t
t
90%
10%
r
on
d (o ff)
f
off
d(on )
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD425

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD425 AOSMD-AOD425 Datasheet
258Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AOD425 VBSEMI-AOD425 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD425 ISC-AOD425 Datasheet
308Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD425A VBSEMI-AOD425A Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AOD425 AOSMD-AOD425_11 Datasheet
258Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD425

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com