Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO7417 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO7417
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7417 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO7417 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7417 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7417 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7417 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AO7417
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VGS=4.5V, ID=1.8A
VGS=2.5V, ID=1.7A
VGS=1.8V, ID=1A
VGS=1.5V, ID=1A
60
70
80
90
100
110
120
130
140
024
68
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS=-4.5V
VGS=-1.8V
VGS=-1.5V
0.9
1
1.1
1.2
1.3
1.4
1.5
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=-1.5V
ID=-0.5A
VGS=-4.5V
ID=-2A
VGS=-1.8V
ID=-1.5A
50
80
110
140
170
200
12
3456
78
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
ID=-2A
25°C
125°C
VGS=-2.5V
0
4
8
12
16
20
012345
-VDS (Volts)
Fig 1: On-Region Characteristics
VGS=-1.5V
-2V
-2.5V
-4.5V
-3V
0
2
4
6
8
10
12
0.5
1
1.5
2
2.5
-VGS(Volts)
Figure 2: Transfer Characteristics
125°C
25°C
0.0001
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
Alpha Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO7417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7417 AOSMD-AO7417 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7417 VBSEMI-AO7417 Datasheet
1,016Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
More results

Similar Description - AO7417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com