Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0501200 Datasheet(PDF) 2 Page - celduc-relais

Part # SCI0501200
Description  IGBT BASED DC SOLID-STATE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCI0501200 Datasheet(HTML) 2 Page - celduc-relais

  SCI0501200 Datasheet HTML 1Page - celduc-relais SCI0501200 Datasheet HTML 2Page - celduc-relais SCI0501200 Datasheet HTML 3Page - celduc-relais SCI0501200 Datasheet HTML 4Page - celduc-relais SCI0501200 Datasheet HTML 5Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
celduc®
r
e
l
a
i
s
S/CON/SCI0501200/B/11/06/08
PRELIMINARY DATA
Page 2/5 UK
CONTROL INPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Fig. 4
CONTROL CURRENT
vs. CONTROL VOLTAGE
Nom. Control voltage
Ucnom
12-24VDC
Nom. Control current
Icnom
35mADC
Control voltage range
Uc
4.5 – 32VDC
typical=4.3V
Control current
consumption
Ic
25 – 42mADC
See curve
Releasing control
voltage
Ucoffmax
1VDC
Typical= 3.5V
Max. reverse control
voltage
-Ucmax
32VDC
-Icmax <100µA
Input impedance
Rin
Current
limitation
See curve
@25°C
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32
Uc (VDC)
Ic (mADC)
TIME CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
Turn on time
ton
10µs
Turn on delay
tdon
600µs
Turn off time
toff
50µs
Turn off delay
tdoff
100µs
Max. On-Off frequency
F(on-off)
200Hz
POWER OUTPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Mains voltage range
Ut
Ue
Min = VCEsat
Max (Advised) = 650VDC
Depends on protection
clamping voltage (D1)
Non-repetitive peak voltage
Utp
1200V
Overvoltage protection
D1
Not integrated
A voltage clamping mean must be connected across the
terminals 1 & 2 (see fig 1 & 2)
Please consult us to select
the right protective
components
Off-state max reverse voltage
drop (internal diode)
-Ut
1.4V
@Ie=50A
Resistive
Motor
Maximum nominal currents
Ie max
50A
Please contact us
See fig. 9
Switch OFF D<1%
Switch OFF
Fmax
ON-state
Max. non-repetitive peak current
Iepeak
50A
50A
320A
@Tc=100°C @Tj=175°C
@Utp
(See fig. 8)
Min. load current
Iemin
0mA
Max. leakage current
Ielk max
1mA
@Utp @Tjmax
Max. on-state voltage
VCEsat
1.4V @Tj=25°C
1.8V @Tj=125°C
@Iemax
Typ. output capacitance
Cout
300pF
@Utp
Junction/case thermal resistance
Rthjc
0.4K/W
Built-in heatsink thermal
resistance vertically mounted
Rthra
10K/W
@
∆Tra=75°C
Heatsink thermal time constant
Tthra
10 minutes
@
∆Tra=60°C
Control inputs/power outputs
insulation voltage
Uimp
4kV
Inputs/case insulation voltage
Uimp
4kV
Outputs/case insulation voltage
Uimp
4kV
Isolation resistance
Rio
1G
Isolation capacitance
Cio
<8pF
Maximum junction temperature
Tjmax
175°C
Storage ambient temperature
Tstg
-40->+100°C
Operating ambient temperature
Tamb
-40->+90°C
See fig. 9
Max. case temperature
Tc
100°C


Similar Part No. - SCI0501200

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCI0100600 CELDUC-SCI0100600 Datasheet
335Kb / 5P
   IGBT BASED DC SOLID-STATE RELAY
SCI0251700 CELDUC-SCI0251700 Datasheet
447Kb / 5P
   IGBT BASED DC SOLID-STATE RELAY
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0402S-10N SUPERWORLD-SCI0402S-10N Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0501200

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCI0251700 CELDUC-SCI0251700 Datasheet
447Kb / 5P
   IGBT BASED DC SOLID-STATE RELAY
SCI0100600 CELDUC-SCI0100600 Datasheet
335Kb / 5P
   IGBT BASED DC SOLID-STATE RELAY
SOM020100 CELDUC-SOM020100 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM040200 CELDUC-SOM040200 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM040600 CELDUC-SCM040600 Datasheet
325Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
SOM04060 CELDUC-SOM04060 Datasheet
370Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM020200 CELDUC-SOM020200 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM02060 CELDUC-SOM02060 Datasheet
368Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SOM06075 CELDUC-SOM06075 Datasheet
390Kb / 5P
   MOSFET BASED DC SOLID-STATE RELAY
SCM030200 CELDUC-SCM030200 Datasheet
307Kb / 5P
   MOSFET BASED DC SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com