Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930IMS8-4.19-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6930IMS8-4.19-TRPBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930IMS8-4.19-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6930IMS8-4.19-TRPBF Datasheet HTML 3Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 4Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 5Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 6Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 7Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 8Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 9Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 10Page - Linear Technology LTC6930IMS8-4.19-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6930-X.XX
7
6930fa
PERIOD ERROR (ps)
–450
4216 G11
–300
–150
0
150
450
300
400
300
100
200
0
LTC6930-8.19
V+ = 3V
TA = 25°C
DIVIDE = 1
TIME (HOURS)
0
4216 G17
500
1000
1500
2000
3000
2500
500
400
300
100
200
–400
–300
–100
–200
0
–500
25 PARTS SHOWN
TA = 30°C
6930 G18
400ns/DIV
TIME SINCE POWER APPLIED (μs)
0
4216 G16
50
100
150
200
10
5
–10
–5
–20
–15
–25
0
–30
SUPPLY VOLTAGE (V)
1.7
4216 G13
2.2
2.7
3.2
3.7
4.2
4.7
5.2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FALL TIME
RISE TIME
CLOAD = 5pF
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G14
2.2
2.7
3.2
3.7
4.2
4.7
5.2
100
90
80
60
70
10
20
40
30
50
0
TA = 25°C
DIV SETTING (LOG)
1
10
100
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
6930 G12
8.192MHz
4.194MHz
V+ = 3V
TA = 25°C
SUPPLY VOLTAGE (V)
1.7
4216 G10
2.2
2.7
3.2
3.7
4.2
4.7
5.2
0.30
0.25
0.20
0.15
0.10
0.05
0
8.192MHz
4.194MHz
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Output Rise/Fall Time
vs Supply
Typical Output Resistance vs
Supply Voltage
Typical Output Duty Cycle vs
Supply and Divide Ratio
Typical Frequency Settling from
Power-Up
Typical Frequency Error vs Time
(Long-Term Drift)
Typical Output Waveform at
DIV Pin Change
Typical Jitter vs Supply in Divide
by 1 Mode
Typical Period Jitter Histogram
Typical Jitter vs Divider Setting
SUPPLY VOLTAGE (V)
1.7
4216 G15
2.2
2.7
3.2
3.7
4.2
4.7
5.2
60
58
56
52
54
42
44
48
46
50
40
4MHz, DIVIDE BY 1
DIVIDE BY >1
8MHz, DIVIDE BY 1


Similar Part No. - LTC6930IMS8-4.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930IMS8-4.19-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com