Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6930CMS8-8.19-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6930CMS8-8.19-PBF
Description  32.768kHz to 8.192MHz Precision 關Power Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930CMS8-8.19-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6930CMS8-8.19-PBF Datasheet HTML 1Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 2Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 3Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 4Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 5Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 6Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 7Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 8Page - Linear Technology LTC6930CMS8-8.19-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6930-X.XX
2
6930fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage
(V+ to GND) ............................................. –0.3V to 6V
Any Input Pin to GND
(DIV Pins) ......................................–0.3V to V+ + 0.3V
Operating Temperature Range (Note 2)
LTC6930C ............................................ –40°C to 85°C
LTC6930I.............................................. –40°C to 85°C
LTC6930H .......................................... –40°C to 125°C
(Note 1)
TOP VIEW
V+
OUT
GND
DIVC
V+
GND
DIVA
DIVB
DCB PACKAGE
8-LEAD (2mm
3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
TJMAX = 125°C, θJA = 64°C/W
EXPOSED PAD (PIN 9) IS V, MUST BE SOLDERED TO PCB
1
2
3
4
V+
GND
DIVA
DIVB
8
7
6
5
V+
OUT
GND
DIVC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/W
(SINGLE-LAYER BOARD)
PIN CONFIGURATION
Specified Temperature Range (Note 3)
LTC6930C ................................................ 0°C to 70°C
LTC6930I.............................................. –40°C to 85°C
LTC6930H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6930CDCB-4.19#TRMPBF
LTC6930CDCB-4.19#TRPBF LCKT
8-Lead (2mm
× 3mm) Plastic DFN 0°C to 70°C
LTC6930IDCB-4.19#TRMPBF
LTC6930IDCB-4.19#TRPBF
LCKT
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LTC6930HDCB-4.19#TRMPBF
LTC6930HDCB-4.19#TRPBF LCKT
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
LTC6930CDCB-5.00#TRMPBF
LTC6930CDCB-5.00#TRPBF LCKV
8-Lead (2mm
× 3mm) Plastic DFN 0°C to 70°C
LTC6930IDCB-5.00#TRMPBF
LTC6930IDCB-5.00#TRPBF
LCKV
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LTC6930HDCB-5.00#TRMPBF
LTC6930HDCB-5.00#TRPBF LCKV
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
LTC6930CDCB-7.37#TRMPBF
LTC6930CDCB-7.37#TRPBF LCKW
8-Lead (2mm
× 3mm) Plastic DFN 0°C to 70°C
LTC6930IDCB-7.37#TRMPBF
LTC6930IDCB-7.37#TRPBF
LCKW
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LTC6930HDCB-7.37#TRMPBF
LTC6930HDCB-7.37#TRPBF LCKW
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
LTC6930CDCB-8.00#TRMPBF
LTC6930CDCB-8.00#TRPBF LCKX
8-Lead (2mm
× 3mm) Plastic DFN 0°C to 70°C
LTC6930IDCB-8.00#TRMPBF
LTC6930IDCB-8.00#TRPBF
LCKX
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LTC6930HDCB-8.00#TRMPBF
LTC6930HDCB-8.00#TRPBF LCKX
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
LTC6930CDCB-8.19#TRMPBF
LTC6930CDCB-8.19#TRPBF LCKY
8-Lead (2mm
× 3mm) Plastic DFN 0°C to 70°C
LTC6930IDCB-8.19#TRMPBF
LTC6930IDCB-8.19#TRPBF
LCKY
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LTC6930HDCB-8.19#TRMPBF
LTC6930HDCB-8.19#TRPBF LCKY
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
TRM = 500 pieces.


Similar Part No. - LTC6930CMS8-8.19-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
More results

Similar Description - LTC6930CMS8-8.19-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930_15 Datasheet
390Kb / 14P
   32.768kHz to 8.192MHz Precision Power Oscillators
logo
Yuechung International ...
TX324TK YIC-TX324TK Datasheet
257Kb / 1P
   TX324TK Series : Temperature Compensation Crystal Oscillators - 32.768KHz 3.2x2.5mm
logo
Microchip Technology
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
   1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
   PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Connor-Winfield Corpora...
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com