Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO3705L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO3705L
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO3705L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO3705L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO3705L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO3705L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO3705L Datasheet HTML 4Page - Alpha & Omega Semiconductors AO3705L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Units
VDS
V
VGS
V
TA=25°C
TA=70°C
IDM
VKA
V
TA=25°C
TA=70°C
IFM
TA=25°C
TA=70°C
TJ, TSTG
°C
Symbol
Units
RθJL
RθJL
Parameter
MOSFET
Schottky
Drain-Source Voltage
-20
Absolute Maximum Ratings TA=25°C unless otherwise noted
Gate-Source Voltage
±8
A
-2.5
Pulsed Drain Current
B
-25
Continuous Drain Current
A
ID
-3.2
Schottky reverse voltage
20
A
0.5
Pulsed Forward Current
B
10
Continuous Forward Current
A
IF
1
W
0.7
0.42
Junction and Storage Temperature Range
Power Dissipation
PD
1.15
0.66
-55 to 150
Parameter: Thermal Characteristics MOSFET
Typ
Max
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
80.3
110
°C/W
Maximum Junction-to-Ambient
A
Steady-State
117
150
Maximum Junction-to-Lead
C
Steady-State
43
80
Thermal Characteristics Schottky
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
153
190
°C/W
Maximum Junction-to-Ambient
A
Steady-State
173
220
Maximum Junction-to-Lead
C
Steady-State
103
140
AO3705
P-Channel Enhancement Mode Field Effect Transistor
with Schottky Diode
Features
VDS (V) = -20V
ID = -3.2A
(VGS = -4.5V)
RDS(ON) < 70mΩ
(VGS = -4.5V)
RDS(ON) < 90mΩ (VGS = -2.5V)
RDS(ON) < 110mΩ (VGS = -1.8V)
RDS(ON) < 130mΩ (VGS = -1.5V)
SCHOTTKY
VDS (V) = 20V, IF = 1A, VF<0.45V@1A
General Description
The AO3705/L uses advanced trench technology to
provide excellent RDS(ON), low gate charge. A Schottky
diode is provided to facilitate the implementation of a
bidirectional blocking switch, or for buck convertor
applications.
AO3705 and AO3705L are electrically identical.
-RoHs Complaint
-AO3705L is Halogen Free
A
K
SOT-23-5
Top View
1
2
3
5
4
G
S
A
D
K
G
D
S
Alpha Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO3705L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3701 AOSMD-AO3701 Datasheet
131Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3702 AOSMD-AO3702 Datasheet
135Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AO3702L AOSMD-AO3702L Datasheet
135Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results

Similar Description - AO3705L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com