Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1909-8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1909-8
Description  Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1909-8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1909-8 Datasheet HTML 1Page - Linear Technology LTC1909-8 Datasheet HTML 2Page - Linear Technology LTC1909-8 Datasheet HTML 3Page - Linear Technology LTC1909-8 Datasheet HTML 4Page - Linear Technology LTC1909-8 Datasheet HTML 5Page - Linear Technology LTC1909-8 Datasheet HTML 6Page - Linear Technology LTC1909-8 Datasheet HTML 7Page - Linear Technology LTC1909-8 Datasheet HTML 8Page - Linear Technology LTC1909-8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC1909-8
19098f
(Note 1)
Input Supply Voltage
VIN, ION ..................................................– 0.3V to 36V
Boosted Topside Driver Supply Voltage
BOOST .................................................. – 0.3V to 42V
SW, SENSE+ Voltages ................................. – 5V to 36V
EXTVCC, (BOOST – SW), RUN/SS, PGOOD, INTVCC,
SEL, SDA, SCL, VRON, PGTMR, VOSENSE,
FB, CPUON, VCC Voltages .......................... – 0.3V to 7V
FCB, VON, VRNG Voltages ....... – 0.3V to (INTVCC + 0.3V)
ITH, VFB Voltages...................................... –0.3V to 2.7V
TG, BG, INTVCC, EXTVCC Peak Currents .................... 2A
TG, BG, INTVCC, EXTVCC RMS Currents .............. 50mA
Operating Ambient Temperature Range
LTC1909-8EG (Note 2) ....................... – 40
°C to 85°C
Junction Temperature (Note 4) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1909-8EG
TJMAX = 125°C, θJA = 95°C/ W
(Switching Regulator Controller) The q denotes specifications which apply
over the full operating temperature range, otherwise specifications are TA = 25°C. VIN = 15V unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS
VON
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
SEL
SDA
SCL
VRON
PGTMR
BOOST
TG
SW
SENSE+
PGND
BG
INTVCC
VIN
EXTVCC
VCC
GND
FB
VOSENSE
CPUON
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IQ
Input DC Supply Current
Normal
900
2000
µA
Shutdown Supply Current
15
30
µA
VFB
Feedback Reference Voltage
ITH = 1.2V (Note 3)
q
0.792
0.800
0.808
V
∆VFB(LINEREG) Feedback Voltage Line Regulation
VIN = 4V to 30V, ITH = 1.2V (Note 3)
0.002
%/V
∆VFB(LOADREG) Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
q
– 0.05
– 0.3
%
IFB
Feedback Input Current
VFB = 0.8V
–5
±50
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
q
1.4
1.7
2
mS
VFCB
Forced Continuous Threshold
q
0.76
0.8
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.8V
– 1
– 2
µA
tON
On-Time
ION = 60µA, VON = 1.5V
212
250
288
ns
ION = 30µA, VON = 1.5V
425
500
575
ns
tON(MIN)
Minimum On-Time
ION = 180µA, VON = 0V
50
100
ns
tOFF(MIN)
Minimum Off-Time
ION = 60µA, VON = 1.5V
250
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = 0.76V
113
133
153
mV
VPGND – VSENSE+
VRNG = 0V, VFB = 0.76V
q
79
93
107
mV
VRNG = INTVCC, VFB = 0.76V
158
186
214
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = 0.84V
– 67
mV
VPGND – VSENSE+
VRNG = 0V, VFB = 0.84V
– 47
mV
VRNG = INTVCC, VFB = 0.84V
– 93
mV
∆VFB(OV)
Output Overvoltage Fault Threshold
5.5
7.5
9.5
%


Similar Part No. - LTC1909-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1909-8 LINER-LTC1909-8_15 Datasheet
648Kb / 32P
   Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
More results

Similar Description - LTC1909-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1909-8 LINER-LTC1909-8_15 Datasheet
648Kb / 32P
   Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com