Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1772B Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 5 Page - Linear Technology

  LTC1772B_1 Datasheet HTML 1Page - Linear Technology LTC1772B_1 Datasheet HTML 2Page - Linear Technology LTC1772B_1 Datasheet HTML 3Page - Linear Technology LTC1772B_1 Datasheet HTML 4Page - Linear Technology LTC1772B_1 Datasheet HTML 5Page - Linear Technology LTC1772B_1 Datasheet HTML 6Page - Linear Technology LTC1772B_1 Datasheet HTML 7Page - Linear Technology LTC1772B_1 Datasheet HTML 8Page - Linear Technology LTC1772B_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1772B
5
1772bfa
PIN FUNCTIONS
FUNCTIONAL DIAGRAM
ITH/RUN (Pin 1): This pin performs two functions. It
serves as the error amplifier compensation point as well
as the run control input. Nominal voltage range for this
pin is 0.85V to 1.9V. Forcing this pin below 0.35V causes
the device to be shut down. In shutdown all functions are
disabled and the PGATE pin is held high.
GND (Pin 2): Ground Pin.
VFB (Pin 3): Receives the feedback voltage from an external
resistive divider across the output.
SENSE(Pin 4):
The Negative Input to the Current Com-
parator.
VIN (Pin 5): Supply Pin. Must be closely decoupled to
GND Pin 2.
PGATE (Pin 6): Gate Drive for the External P-channel
MOSFET. This pin swings from 0V to VIN.
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
+
0.5μA
0.3V
OVP
SHORT-CIRCUIT
DETECT
SHDN
1.2V
UV
1772FD
VREF
+
60mV
VREF
0.8V
VIN
RS1
VOLTAGE
REFERENCE
SLOPE
COMP
ICMP
R
S
Q
FREQ
FOLDBACK
OSC
SENSE
VIN
5
2
4
+
4
EAMP
VFB
+
3
PGATE
VIN
6
ITH/RUN
VIN
0.35V
VREF
0.8V
1
+
SHDN
CMP
GND
+
UNDERVOLTAGE
LOCKOUT
15mV


Similar Part No. - LTC1772B_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772B_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772_15 Datasheet
179Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com