Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4601EV-1-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4601EV-1-PBF
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601EV-1-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4601EV-1-PBF Datasheet HTML 4Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 5Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 6Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 7Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 8Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 9Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 10Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 11Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4601/LTM4601-1
8
4601f
SI
PLIFIED BLOCK DIAGRA
Figure 1. Simplified LTM4601/LTM4601-1 Block Diagram
+
INTERNAL
COMP
SGND
COMP
PGOOD
RUN
VOUT_LCL
>2V = ON
<0.9V = OFF
MAX = 5V
MARG1
MARG0
MPGM
PLLIN
CSS
INTVCC
DRVCC
TRACK/SS
VFB
fSET
50k
39.2k
RSET
40.2k
50k
60.4k
VOUT
1M
(50
Ω, LTM4601-1)
5.1V
ZENER
POWER CONTROL
Q1
VIN
4.5V TO 20V
VOUT
1.5V
12A
Q2
10k
10k
10k
NOT INCLUDED
IN THE LTM4601-1
VOSNS
= NC1
VOSNS
+ = NC2
DIFFVOUT = NC3
50k
10k
INTVCC
22
µF
1.5
µF
CIN
+
COUT
PGND
VOSNS
VOSNS
+
DIFFVOUT
4601 F01
4.7
µF
MARG0 (Pin C12): This pin is the LSB logic input for the
margining function. Together with the MARG1 pin will
determine if margin high, margin low or no margin state
is applied. The pin has an internal pull-down resistor of
50k. See Applications Information.
MARG1 (Pin D12): This pin is the MSB logic input for the
margining function. Together with the MARG0 pin will
determine if margin high, margin low or no margin state
is applied. The pin has an internal pull-down resistor of
50k. See Applications Information.
SGND (Pin H12): Signal Ground. This pin connects to
PGND at output capacitor point.
COMP (Pin A11): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V with 0.7V corresponding to zero
sense voltage (zero current).
PGOOD (Pin G12): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point,
after a 25µs power bad mask timer expires.
RUN (Pin A10): Run Control Pin. A voltage above 1.9V
will turn on the module, and when below 1.9V, will turn
off the module. A programmable UVLO function can be
accomplished with a resistor from VIN to this pin that has
a 5.1V zener to ground. Maximum pin voltage is 5V. Limit
current into the RUN pin to less than 1mA.
VOUT_LCL (Pin L12): VOUT connects directly to this pin
to bypass the remote sense amplifier, or DIFFVOUT con-
nects to this pin when remote sense amplifier is used.
VOUT_LCL can be connected to VOUT on the LTM4601-1,
VOUT is internally connected to VOUT_LCL with 50Ω in the
LTM4601-1.
PI FU CTIO S (See Package Description for Pin Assignment)


Similar Part No. - LTM4601EV-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4601EV-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com