Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSFF5200 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSFF5200
Description  High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5200 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSFF5200 Datasheet HTML 1Page - Vishay Siliconix TSFF5200 Datasheet HTML 2Page - Vishay Siliconix TSFF5200 Datasheet HTML 3Page - Vishay Siliconix TSFF5200 Datasheet HTML 4Page - Vishay Siliconix TSFF5200 Datasheet HTML 5Page - Vishay Siliconix TSFF5200 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSFF5200
Vishay Telefunken
5 (6)
Rev. 2, 29-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81060
Dimensions in mm
15909


Similar Part No. - TSFF5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
TSFF5210 VISHAY-TSFF5210 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Aug-08
TSFF5210 VISHAY-TSFF5210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSFF5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com