Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6912CDE-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6912CDE-2
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912CDE-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6912CDE-2 Datasheet HTML 3Page - Linear Technology LTC6912CDE-2 Datasheet HTML 4Page - Linear Technology LTC6912CDE-2 Datasheet HTML 5Page - Linear Technology LTC6912CDE-2 Datasheet HTML 6Page - Linear Technology LTC6912CDE-2 Datasheet HTML 7Page - Linear Technology LTC6912CDE-2 Datasheet HTML 8Page - Linear Technology LTC6912CDE-2 Datasheet HTML 9Page - Linear Technology LTC6912CDE-2 Datasheet HTML 10Page - Linear Technology LTC6912CDE-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6912
7
6912fa
ELECTRICAL CHARACTERISTICS The denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
C, I SUFFIXES
H SUFFIX
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for the LTC6912-1 ONLY
Offset Voltage Magnitude
Gain = 1
0.125
2
0.125
3.5
mV
(Internal Op-Amp, Note 8)
Offset Voltage Magnitude
Gain = 1
0.25
3.5
0.25
6.5
mV
Referred to INA or INB Pins
Gain = 10
0.14
2
0.14
4
mV
(Note 8)
Input Offset Voltage Drift,
6
10
µV/°C
Internal Op Amp
DC Input Resistance at
DC VINA or VINB = 0V
INA or INB Pins (Note 9)
Gain = 0
>10
>10
M
State = 8, Software Shutdown
>10
>10
M
Gain = 1
10
10
k
Gain = 2
55
k
Gain = 5
22
k
Gain > 5
11
k
DC Input Resistance Drift at
Gain = 1
85
95
ppm/
°C
INA or INB Pins (Note 9)
Gain = 2
90
100
ppm/
°C
Gain = 5
100
110
ppm/
°C
Gain = 10
120
130
ppm/
°C
Gain = 20
130
140
ppm/
°C
Gain = 50
150
160
ppm/
°C
Gain = 100
190
200
ppm/
°C
DC Input Resistance Match
Gain = 1
10
10
RINA-RINB
Gain = 2
55
Gain = 5
55
Gain > 5
55
DC Small Signal Output Resistance DC VINA or VINB = 0V
at OUT A or OUT B Pins
Gain = 0
0.4
0.4
Gain = 1
0.7
0.7
Gain = 2
1.0
1.0
Gain = 5
1.9
1.9
Gain = 10
3.4
3.4
Gain = 20
6.4
6.4
Gain = 50
15
15
Gain = 100
30
30
State = 8, Software Shutdown
>1
>1
M
Gain Bandwidth Product
Gain = 100
18
33
50
16
33
50
MHz
Wideband Noise
f = 1kHz to 200kHz
(Referred to Input)
Gain = 0 (Output Noise only)
8.9
8.9
µVRMS
Gain = 1
15.6
15.6
µVRMS
Gain = 2
11.1
11.1
µVRMS
Gain = 5
8.3
8.3
µVRMS
Gain = 10
7.4
7.4
µVRMS
Gain = 20
7.0
7.0
µVRMS
Gain = 50
6.7
6.7
µVRMS
Gain = 100
6.3
6.3
µVRMS


Similar Part No. - LTC6912CDE-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
More results

Similar Description - LTC6912CDE-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com