Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6908CS6-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6908CS6-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6908CS6-2 Datasheet HTML 2Page - Linear Technology LTC6908CS6-2 Datasheet HTML 3Page - Linear Technology LTC6908CS6-2 Datasheet HTML 4Page - Linear Technology LTC6908CS6-2 Datasheet HTML 5Page - Linear Technology LTC6908CS6-2 Datasheet HTML 6Page - Linear Technology LTC6908CS6-2 Datasheet HTML 7Page - Linear Technology LTC6908CS6-2 Datasheet HTML 8Page - Linear Technology LTC6908CS6-2 Datasheet HTML 9Page - Linear Technology LTC6908CS6-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6908-1/LTC6908-2
6
690812fa
BLOCK DIAGRA
OUT1
690812 BD
OUT2
V+
V+
GND
SET
3
MOD 4
GND
2
6
1
5
COMPLEMENTARY
OR
QUADRATURE
OUTPUTS
MUTE OUTPUT
UNTIL STABLE
POR
1-POLE
LPF
0
90/180
DIVIDE BY
16/32/64
3-STATE
INPUT DECODER
DETECT
CLOCK INPUT
WHEN A CLOCK SIGNAL IS PRESENT AT THE
MOD INPUT, DISABLE THE MODULATION.
DIVIDER SELECT
PSEUDO RANDOM
CODE GENERATOR
+
GAIN = 1
V+ – V(SET)
≈ 1.13V
fMASTER = 20MHz • 10k •
fOUT = fMASTER/2
= 20MHz • 10k/RSET
V+ – V(SET)
MASTER
OSCILLATOR
IMASTER
IMASTER
IREF
MDAC
CLK
2
µA
2
µA
VBIAS
RSET
OUT
V
+
+
ISET =
RSET
V+ – V(SET)
PI FU CTIO S
SET (Pin 1/Pin 3): Frequency-Setting Resistor Input. The
value of the resistor connected between this pin and V+
determines the oscillator frequency. The voltage on this pin
is held by the LTC6908 to approximately 1.1V below the
V+ voltage. For best performance, use a precision metal
film resistor with a value between 20k and 400k and limit
the capacitance on this pin to less than 10pF.
V+ (Pin 2/Pin 1): Voltage Supply (2.7V ≤ V+ ≤ 5.5V). This
supply must be kept free from noise and ripple. It should
be bypassed directly to a ground plane with a 0.1µF
capacitor.
GND (Pin 3/Pin 2): Ground. Should be tied to a ground
plane for best performance.
OUT1 (Pin 4/Pin 6), OUT2 (Pin 5/Pin 5): Oscillator Out-
puts. These pins can drive 5k and/or 10pF loads. Larger
loads may cause inaccuracies due to supply bounce at
high frequencies.
MOD (Pin 6/Pin 4): Modulation-Setting Input. This three-
state input selects among four modulation rate settings.
The MOD pin should be tied to ground for the fOUT/16
modulation rate. Floating the MOD pin selects the fOUT/32
modulation rate. The MOD pin should be tied to V+ for the
fOUT/64 modulation rate. Tying one of the outputs to the
MOD pin turns the modulation off. To detect a floating
MOD pin, the LTC6908 attempts to pull the pin toward
midsupply. This is realized with two internal current
sources, one tied to V+ and MOD and the other one tied
to ground and MOD. Therefore, driving the MOD pin high
requires sourcing approximately 2µA. Likewise, driving the
MOD pin low requires sinking 2µA. When the MOD pin is
floated, it must be bypassed by a 1nF capacitor to ground.
Any AC signal coupling to the MOD pin could potentially
be detected and stop the frequency modulation.
Exposed Pad (Pin 7/NA): Ground. The Exposed Pad must
be soldered to PCB.
(DCB Package/S6 Package)
(S6 Package Pin Numbers)


Similar Part No. - LTC6908CS6-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results

Similar Description - LTC6908CS6-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com