Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6908IDCB-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6908IDCB-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908IDCB-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6908IDCB-2 Datasheet HTML 3Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 4Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 5Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 6Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 7Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 8Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 9Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 10Page - Linear Technology LTC6908IDCB-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6908-1/LTC6908-2
7
690812fa
IRES (µA)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.1
10
100
1000
690812 F01
1
V+ = 5V
V+ = 3V
TA = 25°C
OPERATIO
As shown in the Block Diagram, the LTC6908’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current entering the SET pin
(IMASTER). When the spread spectrum frequency modula-
tion (SSFM) is disabled, IMASTER is strictly determined by
the (V+ – VSET) voltage and the RSET resistor. When SSFM is
enabled, IMASTER is modulated by a filtered pseudorandom
noise (PRN) signal. Here the IMASTER current is a random
value uniformly distributed between (ISET – 10%) and (ISET
+ 10%). In this way the frequency of the master oscillator
is modulated to produce an approximately flat frequency
spectrum that is centered at the frequency set by the ISET
current, with a bandwidth equal to approximately 20% of
the center frequency.
The voltage on the SET pin is forced to approximately 1.1V
below V+ by the PMOS transistor and its gate bias volt-
age. This voltage is accurate to ±5% at a particular input
current and supply voltage (see Figure 1). The LTC6908
is optimized for use with resistors between 20k and 400k,
corresponding to output frequencies between 250kHz and
5MHz. Accurate frequencies up to 10MHz (RSET = 10k)
are attainable if the supply voltage is greater than 4V. The
RSET resistor, connected between the V
+ and SET pins,
locks together the (V+ – VSET) voltage and the current ISET.
This allows the parts to attain excellent frequency accuracy
regardless of the precision of the SET pin voltage. The
master oscillation frequency is:
fMASTER = 20MHz • 10k/RSET
The master oscillator signal is divided by 2 before driving
the output pins, resulting in the simple formula for the
Figure 3. Output Waveforms for LTC6908-1, LTC6908-2
Figure 2. RSET vs Desired Output Frequency
Figure 1. V+ – VSET Variation with IRES
OUT1
OUT2
OUT1
LTC6908-1 (COMPLEMENTARY)
LTC6908-2 (QUADRATURE)
OUT2
690812 F03
output frequency, fOUT, below (see Figure 2):
fOUT = 10MHz • 10k/RSET
When the spread spectrum frequency modulation (SSFM)
is disabled, the frequency fOUT is the final output fre-
quency. When SSFM is enabled, 0.9 • fOUT is the minimum
output frequency and 1.1 • fOUT is the maximum output
frequency.
Both outputs are nominally 50% duty cycle. There are 2
possible output configurations for the LTC6908, shown
in Figure 3.
Output Configurations
The only difference between the two versions of the
LTC6908 is the phase relationship between the two outputs.
The LTC6908-1 outputs are 180 degrees out of phase and
the LTC6908-2 outputs are 90 degrees out of phase. These
convenient output options are useful in synchronizing the
clocking of multiple phase switching regulator designs. In
very high current applications, a significant improvement
DESIRED OUTPUT FREQUENCY (Hz)
10k
10k
100k
1M
10M
100k
1M
10M
690812 F02


Similar Part No. - LTC6908IDCB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results

Similar Description - LTC6908IDCB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com