Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1865CMS-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1865CMS-PBF
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865CMS-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC1865CMS-PBF Datasheet HTML 1Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 2Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 3Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 4Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 5Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 6Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 7Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 8Page - Linear Technology LTC1865CMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC1864/LTC1865
3
18645fb
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1865HMS#PBF
LTC1865HMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865ACMS#PBF
LTC1865ACMS#TRPBF
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865AIMS#PBF
LTC1865AIMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865AHMS#PBF
LTC1865AHMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865CS8#PBF
LTC1865CS8#TRPBF
1865
8-Lead Plastic SO
0°C to 70°C
LTC1865IS8#PBF
LTC1865IS8#TRPBF
1865I
8-Lead Plastic SO
–40°C to 85°C
LTC1865ACS8#PBF
LTC1865ACS8#TRPBF
1865A
8-Lead Plastic SO
0°C to 70°C
LTC1865AIS8#PBF
LTC1865AIS8#TRPBF
1865AI
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1864CMS8
LTC1864CMS8#TR
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864IMS8
LTC1864IMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864HMS8
LTC1864HMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864ACMS8
LTC1864ACMS8#TR
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864AIMS8
LTC1864AIMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864AHMS8
LTC1864AHMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864CS8
LTC1864CS8#TR
1864
8-Lead Plastic SO
0°C to 70°C
LTC1864IS8
LTC1864IS8#TR
1864I
8-Lead Plastic SO
–40°C to 85°C
LTC1864ACS8
LTC1864ACS8#TR
1864A
8-Lead Plastic SO
0°C to 70°C
LTC1684AIS8
LTC1684AIS8#TR
1864AI
8-Lead Plastic SO
–40°C to 85°C
LTC1865CMS
LTC1865CMS#TR
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865IMS
LTC1865IMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865HMS
LTC1865HMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865ACMS
LTC1865ACMS#TR
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865AIMS
LTC1865AIMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865AHMS
LTC1865AHMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865CS8
LTC1865CS8#TR
1865
8-Lead Plastic SO
0°C to 70°C
LTC1865IS8
LTC1865IS8#TR
1865I
8-Lead Plastic SO
–40°C to 85°C
LTC1865ACS8
LTC1865ACS8#TR
1865A
8-Lead Plastic SO
0°C to 70°C
LTC1865AIS8
LTC1865AIS8#TR
1865AI
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC1865CMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865CMS LINER-LTC1865CMS Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865CMS LINER-LTC1865CMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
More results

Similar Description - LTC1865CMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com