Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6702IDC-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6702IDC-TRMPBF
Description  Tiny Micropower, Low Voltage Dual Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6702IDC-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6702IDC-TRMPBF Datasheet HTML 4Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 5Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 6Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 7Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 8Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 9Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 10Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 11Page - Linear Technology LTC6702IDC-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC6702
11
6702f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TS8 Package
8-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1637)
PACKAGE DESCRIPTION
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.22 – 0.36
8 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
TS8 TSOT-23 0802
2.90 BSC
(NOTE 4)
0.65 BSC
1.95 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.52
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF


Similar Part No. - LTC6702IDC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6702 LINER-LTC6702 Datasheet
366Kb / 12P
   Tiny Micropower, Low Voltage Dual Comparators
LTC6702 LINER-LTC6702_15 Datasheet
366Kb / 12P
   Tiny Micropower, Low Voltage Dual Comparators
More results

Similar Description - LTC6702IDC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6702 LINER-LTC6702_15 Datasheet
366Kb / 12P
   Tiny Micropower, Low Voltage Dual Comparators
logo
STMicroelectronics
TS3V3702 STMICROELECTRONICS-TS3V3702 Datasheet
45Kb / 6P
   3V MICROPOWER DUAL VOLTAGE COMPARATORS
TS3V393 STMICROELECTRONICS-TS3V393 Datasheet
58Kb / 6P
   3V MICROPOWER DUAL VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
   Micropower dual CMOS voltage comparators
February 2015 Rev 2
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
   Micropower dual CMOS voltage comparators
June 2016 Rev 3
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com