Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6652AHMS8-2.048-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6652AHMS8-2.048-PBF
Description  Precision Low Drift Low Noise Buffered Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652AHMS8-2.048-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6652AHMS8-2.048-PBF Datasheet HTML 5Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 6Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 7Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 8Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 9Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 10Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 11Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 12Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6652
9
6652fb
Bypass and Load Capacitors
The LTC6652 voltage references do not require an input
capacitor, but a 0.1μF capacitor located close to the part
improves power supply rejection.
The LTC6652 voltage references are stable with or without
a capacitive load. For applications where an output capaci-
tor is beneficial, a value of 0.1μF to 10μF is recommended
depending on load conditions. The Typical Performance
Characteristics section includes a plot illustrating a region
of marginal stability. Either no or low value capacitors for
any load current are acceptable. For loads that sink current
or light loads that source current, a 0.1μF to 10μF capacitor
has stable operation. For heavier loads that source current
a 0.5μF to 10μF capacitor range is recommended.
The transient response for a 0.5V step on VIN with and
without an output capacitor is shown in Figures 2 and 3,
respectively.
The LTC6652 references with an output of 2.5V and above
are guaranteed to source and sink 5mA. The 1.25V and
2.048V versions are guaranteed to source 5mA and sink
1mA. The test circuit for transient load step response is
shown in Figure 1. Figures 4 and 5 show a 5mA source
and sink load step response without a load capacitor,
respectively.
Start-Up
The start-up characteristic of the LTC6652 is shown in
Figures 8 and 9. Note that the turn-on time is affected by
the value of the output capacitor.
BLOCK DIAGRAM
APPLICATIONS INFORMATION
VIN
SHDN
GND
VOUT
6652 BD
BANDGAP
3
6
2
4
+
Figure 1. Transient Load Test Circuit
VIN
3V
2, 3
6
100Ω
4, 5, 7, 8
CIN
0.1μF
COUT
1μF
VGEN
0.5V
6652 F01
LTC6652-2.5


Similar Part No. - LTC6652AHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.048 LINER-LTC6652AHMS8-2.048 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
More results

Similar Description - LTC6652AHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com