Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6605CDJC-14-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6605CDJC-14-PBF
Description  Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6605CDJC-14-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6605CDJC-14-PBF Datasheet HTML 6Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 7Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 8Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 9Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 10Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 11Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 12Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 13Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC6605-14
10
660514f
Functional Description
The LTC6605-14 is designed to make the implementation
of high frequency fully differential filtering functions very
easy. Two very low noise amplifiers are surrounded by
precision matched resistors and precision matched capaci-
tors enabling various filter functions to be implemented by
hard wiring pins. The amplifiers are wide band, low noise
and low distortion fully differential amplifiers with accurate
output phase balancing. They are optimized for driving
low voltage, single-supply, differential input analog-to-
digital converters (ADCs). The LTC6605-14 operates with
a supply voltage as low as 2.7V and accepts inputs up to
325mV below the Vpower rail, which makes it ideal for
converting ground referenced, single-ended signals into
differential signals that are referenced to the user-supplied
common mode voltage. This is ideal for driving low volt-
age, single-supply, differential input ADCs. The balanced
differential nature of the amplifier and matched surround-
ing components provide even-order harmonic distortion
cancellation, and low susceptibility to common mode
noise (like power supply noise). The LTC6605-14 can be
operated with a single-ended input and differential output,
or with a differential input and differential output.
The outputs of the LTC6605-14 can swing rail-to-rail.
They can source or sink a transient 70mA of current. Load
capacitances should be decoupled with at least 25Ω of
series resistance from each output.
Filter Frequency Response and Gain Adjustment
Figure 3 shows the filter architecture. The Laplace transfer
function can be expressed in the form of the following
generalized equation for a 2nd order lowpass filter:
VOUT(DIFF)
VIN(DIFF)
=
GAIN
1+
s
2πfO •Q
+
s2
2πfO
()
2
,
with GAIN, fO and Q as given in Figure 3.
Note that GAIN and Q of the filter are based on component
ratios, which both match and track extremely well over
temperature. The corner frequency fO of the filter is a
function of an RC product. This RC product is trimmed to
±1% and is not expected to drift by more than ±1% from
nominal over the entire temperature range –40°C to 85°C.
As a result, fully differential filters with tight magnitude,
phase tolerance and repeatability are achieved.
Various values for resistors R1 and R4 can be formed
by pin-strapping the internal 100Ω and 200Ω resis-
tors, and optionally by including one or more external
resistors. Note that non-zero source resistance should be
combined with, and included in, R1.
Figure 3. Filter Architecture and Equations
APPLICATIONS INFORMATION
+
+
VOUT(DIFF)
660514 F03
VIN(DIFF)
R2
200Ω
R2
200Ω
R3
125Ω
R3
125Ω
R1
R1
R4 = R4A + R4B + REXT
REXT
R4A
R4B
C1
48.2pF
C1
48.2pF
C2
81.5pF
C2
81.5pF
+
+


Similar Part No. - LTC6605CDJC-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605CDJC-10-PBF LINER-LTC6605CDJC-10-PBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-10-TRPBF LINER-LTC6605CDJC-10-TRPBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results

Similar Description - LTC6605CDJC-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14_15 Datasheet
263Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-7 LINER-LTC6605-7_15 Datasheet
255Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-10 LINER-LTC6605-10_15 Datasheet
269Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com