Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6605CDJC-10-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6605CDJC-10-TRPBF
Description  Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6605CDJC-10-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6605CDJC-10-TRPBF Datasheet HTML 1Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 2Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 3Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 4Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 5Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 6Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 7Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 8Page - Linear Technology LTC6605CDJC-10-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6605-10
1
660510f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Matched 10MHz Filter
with Low Noise, Low Distortion
Differential Amplifier
The LTC®6605-10 contains two independent, fully differ-
ential amplifiers configured as matched 2nd order 10MHz
lowpass filters. The f–3dB of the filters is adjustable in the
range of 9.7MHz to 14MHz.
The internal op amps are fully differential, feature very
low noise and distortion, and are compatible with 16-bit
dynamic range systems. The inputs can accept single-
ended or differential signals. An input pin is provided
for each amplifier to set the common mode level of the
differential outputs.
Internal laser-trimmed resistors and capacitors determine
a precise, very well matched (in gain and phase) 10MHz
2nd order filter response. A single optional external re-
sistor per channel can tailor the frequency response for
each amplifier.
Three-state BIAS pins determine each amplifier’s power
consumption, allowing a choice between shutdown, me-
dium power or full power.
The LTC6605-10 is available in a compact 6mm × 3mm
22-pin leadless DFN package and operates over a –40°C
to 85°C temperature range.
Dual, Matched 9.7MHz Lowpass Filter
n Two Matched 10MHz 2nd Order Lowpass Filters
with Differential Amplifiers
Gain Match: ±0.35dB Max, Passband
Phase Match: ±1.2° Max, Passband
Single-Ended or Differential Inputs
n < –90dBc Distortion in Passband
n 2.1nV/√Hz Op Amp Noise Density
n Pin-Selectable Gain (0dB/12dB/14dB)
n Pin-Selectable Power Consumption (0.35mA/
16.2mA/33.1mA)
n Rail-to-Rail Output Swing
Adjustable Output Common Mode Voltage Control
Buffered, Low Impedance Outputs
n 2.7V to 5.25V Supply Voltage
n Small 22-Pin 6mm × 3mm × 0.75mm DFN Package
n Broadband Wireless ADC Driver/Filter
n Antialiasing Filter
n Single-Ended to Differential Conversion
n DAC Smoothing Filter
n Zero-IF Direct Conversion Receivers
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Channel to Channel Phase Matching
660510 TA01
LTC6605-10
3V
0.1μF
0.1μF
0.1μF
0.1μF
+
21
19
17
VOUTA
VINA
3V
+
+
22
18
3V
+
15
14
13
16
12
2
3
4
6
VINB
3V
+
VOUTB
+
1
5
8
9
10
7
11
20
PHASE MATCH (DEG)
0
20
120
60
–1.0
0
0.6 0.8
0.4
0.2
1.0
660510 TA01b
80
100
40
–0.6
–0.2
–0.4
–0.8
352 TYPICAL UNITS
TA = 25°C
fIN = 10MHz


Similar Part No. - LTC6605CDJC-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605CDJC-14-PBF LINER-LTC6605CDJC-14-PBF Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-14-TRPBF LINER-LTC6605CDJC-14-TRPBF Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results

Similar Description - LTC6605CDJC-10-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-10 LINER-LTC6605-10_15 Datasheet
269Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LTC6605-14 LINER-LTC6605-14_15 Datasheet
263Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-7 LINER-LTC6605-7_15 Datasheet
255Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com