Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1750 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1750 Datasheet HTML 5Page - Linear Technology LTC1750 Datasheet HTML 6Page - Linear Technology LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology LTC1750 Datasheet HTML 10Page - Linear Technology LTC1750 Datasheet HTML 11Page - Linear Technology LTC1750 Datasheet HTML 12Page - Linear Technology LTC1750 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1750
1750f
PI FU CTIO S
SENSE (Pin 1): Reference Sense Pin. GND selects a VREF
of 0.7V. VDD selects 1.125V. When VSENSE is between 0.7V
and 1.125V, VSENSE is used as VREF. The ADC input range
is
±VREF/PGA gain.
VCM (Pin 2): 2.0V Output and Input Common Mode Bias.
Bypass to ground with 4.7
µF ceramic chip capacitor.
GND (Pins 3, 6, 9, 12, 13, 16, 19, 21, 36, 37): ADC Power
Ground.
AIN+ (Pin 4): Positive Differential Analog Input.
AIN– (Pin 5): Negative Differential Analog Input.
VDD (Pins 7, 8, 17, 18, 20): 5V Supply. Bypass to AGND
with 1
µF ceramic chip capacitors at Pin 8 and Pin 18.
REFLB (Pin 10): ADC Low Reference. Bypass to Pin 11
with 0.1
µF ceramic chip capacitor. Do not connect to
Pin 14.
REFHA (Pin 11): ADC High Reference. Bypass to Pin 10 with
0.1
µFceramicchipcapacitor,toPin14witha4.7µFceramic
capacitor and to ground with 1
µF ceramic capacitor.
REFLA (Pin 14): ADC Low Reference. Bypass to Pin 15 with
0.1
µF ceramic chip capacitor, to Pin 11 with a 4.7µF ce-
ramic capacitor and to ground with 1
µF ceramic capacitor.
REFHB (Pin 15): ADC High Reference. Bypass to Pin 14
with 0.1
µF ceramic chip capacitor. Do not connect to
Pin 11.
MSBINV (Pin 22): MSB Inversion Control. Low inverts the
MSB, 2’s complement output format. High does not invert
the MSB, offset binary output format.
ENC (Pin 23): Encode Input. The input sample starts on the
positive edge.
ENC (Pin 24): Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1
µF
ceramic for single-ended ENCODE signal.
PGA (Pin 25): Programmable Gain Amplifier Control. Low
selects an effective front-end gain of 1. High selects an
effective gain of 1 2/3. The ADC input range is
±VREF/PGA
gain.
CLKOUT (Pin 26): Data Valid Output. Latch data on the
rising edge of CLKOUT.
OGND (Pins 27, 38, 47): Output Driver Ground.
D0-D3 (Pins 28 to 31): Digital Outputs.
OVDD (Pins 32, 43): Positive Supply for the Output Driv-
ers. Bypass to ground with 0.1
µF ceramic chip capacitor.
D4-D6 (Pins 33 to 35): Digital Outputs.
D7-D10 (Pins 39 to 42): Digital Outputs.
D11-D13 (Pins 44 to 46): Digital Outputs.
OF (Pin 48): Over/Under Flow Output. High when an over
or under flow has occurred.


Similar Part No. - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com