Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1750 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1750 Datasheet HTML 4Page - Linear Technology LTC1750 Datasheet HTML 5Page - Linear Technology LTC1750 Datasheet HTML 6Page - Linear Technology LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology LTC1750 Datasheet HTML 10Page - Linear Technology LTC1750 Datasheet HTML 11Page - Linear Technology LTC1750 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1750
1750f
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Frequency and
Amplitude, PGA = 1
SFDR (HD2 and HD3) vs Input
Frequency and Amplitude, PGA = 0
SFDR (HD2 and HD3) vs Input
Frequency and Amplitude, PGA = 1
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
200
400
500
74
1750 G25
67
100
300
71
72
73
–1dB
–10dB
–20dB
INPUT FREQUENCY (MHz)
0
60
70
80
90
100
110
50
100
150
200
1750 G26
250
300
–1dB
–10dB
–20dB
INPUT FREQUENCY (Hz)
0
50
60
70
80
90
100
110
100
200
300
400
1750 G27
500
–1dB
–10dB
–20dB
SFDR and SNR vs Sample Rate,
15.2MHz, –1dB Input
SAMPLE RATE (Msps)
0
75
80
85
60
100
1750 G28
70
65
60
20
40
80
90
95
100
SNR
SFDR
120
VDD (V)
4.1
95
4.7
1750 G29
80
70
4.3
4.5
4.9
65
60
100
90
85
75
5.1
5.3
5.5
SNR
SFDR
SFDR and SNR vs VDD, 15.2MHz,
–1dB Input


Similar Part No. - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com