Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864LCMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1864LCMS8
Description  關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864LCMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1864LCMS8 Datasheet HTML 1Page - Linear Technology LTC1864LCMS8 Datasheet HTML 2Page - Linear Technology LTC1864LCMS8 Datasheet HTML 3Page - Linear Technology LTC1864LCMS8 Datasheet HTML 4Page - Linear Technology LTC1864LCMS8 Datasheet HTML 5Page - Linear Technology LTC1864LCMS8 Datasheet HTML 6Page - Linear Technology LTC1864LCMS8 Datasheet HTML 7Page - Linear Technology LTC1864LCMS8 Datasheet HTML 8Page - Linear Technology LTC1864LCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1864L/LTC1865L
sn18645L 18645Lfs
LTC1864L/LTC1865L
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
82
dB
S/(N + D) Signal-to-Noise Plus Distortion Ratio
1kHz Input Signal
82
dB
THD
Total Hamonic Distortion Up to 5th Harmonic 1kHz Input Signal
92
dB
Full Power Bandwidth
10
MHz
Full Linear Bandwidth
S/(N + D) ≥ 75dB
20
kHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
±2
±5
±2
±5mV
Input Differential Voltage
VIN = IN
+ – IN
0VREF
0VREF
V
Range
Absolute Input Range
IN+ Input
– 0.05
VCC + 0.05
– 0.05
VCC + 0.05
V
INInput
– 0.05
VCC/2
– 0.05
VCC/2
V
VREF Input Range
LTC1864L SO-8 and MSOP, LTC1865L MSOP
1
VCC
1VCC
V
Analog Input Leakage Current
(Note 4)
±1
±1
µA
CIN Input Capacitance
In Sample Mode
12
12
pF
During Conversion
5
5
pF
DY A IC ACCURACY
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 2.7V, VREF = 2.5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
TA = 25°C. VCC = 3V, VREF = 3V, fSAMPLE = 150kHz, unless otherwise noted.
LTC1864L/LTC1865L
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.3V
1.9
V
VIL
Low Level Input Voltage
VCC = 2.7V
0.45
V
IIH
High Level Input Current
VIN = VCC
2.5
µA
IIL
Low Level Input Current
VIN = 0V
– 2.5
µA
VOH
High Level Output Voltage
VCC = 2.7V, IO = 10µA
2.3
2.6
V
VCC = 2.7V, IO = 360µA
2.1
2.45
V
VOL
Low Level Output Voltage
VCC = 2.7V, IO = 400µA
0.3
V
IOZ
Hi-Z Output Leakage
CONV = VCC
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 6.5
mA
ISINK
Output Sink Current
VOUT = VCC
6.5
mA
IREF
Reference Current (LTC1864L SO-8 and
CONV = VCC
0.001
3
µA
MSOP, LTC1865L MSOP)
fSMPL = fSMPL(MAX)
0.01
0.1
mA
ICC
Supply Current
CONV = VCC After Conversion
0.5
10
µA
fSMPL = fSMPL(MAX)
0.45
1.0
mA
PD
Power Dissipation
fSMPL = fSMPL(MAX)
1.22
mW
LTC1864L/LTC1865L
LTC1864LA/LTC1865LA
The
denotes specifications which apply
over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 2.7V, VREF = 2.5V, unless otherwise noted.


Similar Part No. - LTC1864LCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1864L LINER-LTC1864L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1864L LINER-LTC1864L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1864L LINER-LTC1864L Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864LCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com