Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1861HMS-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1861HMS-PBF
Description  關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1861HMS-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1861HMS-PBF Datasheet HTML 2Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 3Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 4Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 5Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 6Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 7Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 8Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 9Page - Linear Technology LTC1861HMS-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1860/LTC1861
6
18601fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
Note 5: Guaranteed by design, not subject to test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
H-Grade
l
l
2.75
2.75
3.2
3.3
μs
μs
fSMPL(MAX)
Maximum Sampling Frequency
H-Grade
l
l
250
248
kHz
kHz
tdDO
Delay Time, SCK↓ to SDO Data Valid
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF, H-Grade
l
l
15
20
25
30
ns
ns
ns
tdis
Delay Time, CONV↑ to SDO Hi-Z
H-Grade
l
l
30
30
60
65
ns
ns
ten
Delay Time, CONV↓ to SDO Enabled
CLOAD = 20pF
CLOAD = 20pF, H-Grade
l
l
30
30
60
65
ns
ns
thDO
Time Output Data Remains Valid After
SCK↓
CLOAD = 20pF
l
510
ns
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
TIMING CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating
Conditions, unless otherwise noted.


Similar Part No. - LTC1861HMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1861 LINER-LTC1861 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1861 LINER-LTC1861 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1861 LINER-LTC1861 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1861 LINER-LTC1861 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1861HMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com