Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6602CUF-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6602CUF-TRPBF
Description  Dual Matched, High Frequency Bandpass/Lowpass Filters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6602CUF-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6602CUF-TRPBF Datasheet HTML 4Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 9Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 10Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 11Page - Linear Technology LTC6602CUF-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6602
8
6602fa
TYPICAL PERFORMANCE CHARACTERISTICS
Common Mode Rejection Ratio
Common Mode Rejection Ratio
OIP3 vs Average Signal
Frequency, fC
OIP3 vs Average Signal
Frequency, fC
OIP3 vs Average Signal
Frequency, fC
OIP3 vs Temperature
Common Mode Rejection
Common Mode Rejection
Common Mode Rejection Ratio
FREQUENCY (Hz)
6602 G10
120
110
100
80
90
40
50
60
70
30
20
1k
1M
100k
10k
TA = 25°C
VS = 3V
VIN-CM = 0V
ΔVIN-CM = 1.25VP-P
RBIAS = 54.9k
15kHz-150kHz BPF
CMR = ΔVIN-CM /ΔVOUT-DIFF
GAIN = 24dB
GAIN = 30dB
GAIN = 12dB
GAIN = 0dB
FREQUENCY (Hz)
6602 G11
120
110
100
80
90
40
50
60
70
30
20
10k
10M
1M
100k
TA = 25°C, VS = 3V,
VIN-CM = 0V, ΔVIN-CM = 1.25VP-P,
RBIAS = 54.9k, 90kHz-900kHz BPF
CMR = ΔVIN-CM /ΔVOUT-DIFF
GAIN = 24dB
GAIN = 0dB
GAIN = 30dB
GAIN = 12dB
FREQUENCY (Hz)
6602 G12
120
110
100
80
90
40
50
60
70
30
20
1k
10M
1M
100k
10k
TA = 25°C, VS = 3V,
VIN-CM = 0V, ΔVIN-CM = 1.25VP-P,
RBIAS = 54.9k, 45kHz-300kHz BPF
GAIN = 0dB
GAIN = 12dB
GAIN = 24dB
GAIN = 30dB
FREQUENCY (Hz)
6602 G13
120
110
100
80
90
40
50
60
70
30
20
1k
1M
100k
10k
TA = 25°C, VS = 3V,
VIN-CM = 0V, ΔVIN-CM = 1.25VP-P,
RBIAS = 54.9k, 15kHz-150kHz BPF
GAIN = 0dB
GAIN = 30dB
GAIN = 12dB
GAIN = 24dB
FREQUENCY (Hz)
6602 G14
120
110
100
80
90
40
50
60
70
30
20
10k
10M
1M
100k
TA = 25°C
VS = 3V
VIN-CM = 0V
ΔVIN-CM = 1.25VP-P
RBIAS = 54.9k
90kHz-900kHz BPF
GAIN = 30dB
GAIN = 0dB
GAIN = 12dB
GAIN = 24dB
CENTER SIGNAL FREQUENCY, fC (kHz)
6602 G15
48
46
44
42
40
38
0
50
300
350
250
200
150
100
TA = 25°C
VS = 3V
f1 = fC –5kHz, f2 = fC +5kHz
VOUT = 6dBm PER TONE FOR 2-TONE TEST
RBIAS = 54.9k
45kHz-300kHz BPF
GAIN = 0dB
GAIN = 24dB
GAIN = 30dB
GAIN = 12dB
CENTER SIGNAL FREQUENCY, fC (kHz)
6602 G16
48
46
44
42
40
38
0
20
140 160
100 120
80
60
40
TA = 25°C
VS = 3V
f1 = fC –5kHz
f2 = fC +5kHz
VOUT = 6dBm PER TONE
FOR 2-TONE TEST
RBIAS = 54.9k
15kHz-150kHz BPF
GAIN = 0dB
GAIN = 30dB
GAIN = 12dB
GAIN = 24dB
CENTER SIGNAL FREQUENCY, fC (kHz)
6602 G17
48
46
44
42
40
38
0
200
100
300
900 1000
700 800
600
500
400
TA = 25°C, VS = 3V
f1 = fC –10kHz, f2 = fC +10kHz
VOUT = 6dBm PER TONE
FOR 2-TONE TEST
RBIAS = 54.9k
90kHz-900kHz BPF
GAIN = 0dB
GAIN = 30dB
GAIN = 12dB
GAIN = 24dB
TEMPERATURE (°C)
6602 G18
50
48
46
44
42
40
–40–30–20
10
0
–10
20
80 90
60 70
50
40
30
VS = 3V
VOUT = 6dBm PER TONE
FOR 2-TONE TEST
RBIAS = 54.9k
GAIN = 30dB
fIN = 95kHz, 105kHz
15kHz-150kHz BPF
fIN = 145kHz, 155kHz
45kHz-300kHz BPF
fIN = 590kHz, 610kHz
90kHz-900kHz BPF


Similar Part No. - LTC6602CUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6602 LINER-LTC6602_15 Datasheet
1Mb / 28P
   Dual Matched, High Frequency Bandpass/Lowpass Filters
More results

Similar Description - LTC6602CUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6602 LINER-LTC6602_15 Datasheet
1Mb / 28P
   Dual Matched, High Frequency Bandpass/Lowpass Filters
logo
Mixed Signal Integratio...
MS2LFS MSI-MS2LFS Datasheet
188Kb / 5P
   Dual Selectable Low Voltage Lowpass/Bandpass Filter
logo
Mini-Circuits
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
   Bandpass Filters
WVBP-733-WR12 MINI-WVBP-733-WR12 Datasheet
395Kb / 2P
   Bandpass Filters
WVBP-783-WR12 MINI-WVBP-783-WR12 Datasheet
395Kb / 2P
   Bandpass Filters
WVBP-583-WR15 MINI-WVBP-583-WR15 Datasheet
375Kb / 2P
   Bandpass Filters
ZVBP-2400 MINI-ZVBP-2400 Datasheet
328Kb / 3P
   Bandpass Filters
ZVBP-5800-S MINI-ZVBP-5800-S Datasheet
514Kb / 3P
   Bandpass Filters
ZVBP-11R7G-S MINI-ZVBP-11R7G-S Datasheet
1Mb / 8P
   Bandpass Filters
ZVBP-9R6G-S MINI-ZVBP-9R6G-S Datasheet
1Mb / 8P
   Bandpass Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com