Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6601IUF-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6601IUF-1-TRPBF
Description  Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6601IUF-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6601IUF-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC6601IUF-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC6601-1
9
66011f
TYPICAL PERFORMANCE CHARACTERISTICS
Low Power Mode Gain and Phase
Repeatability of 10 Random Units
High Performance Mode Gain Error
of 10 Random Units Normalized to
1MHz
Low Power Mode Gain Error of
10 Random Units Normalized to
1MHz
High Performance Mode Phase
Error of 10 Random Units
Low Power Mode Phase Error of
10 Random Units
Turn On and Turn Off Transient
Response
High Performance Mode Gain
and Phase Repeatability of 10
Random Units
Pulse Response
FREQUENCY (MHz)
66011 G19
0.20
00
0.05
0.10
0.15
–0.10
–0.05
–0.15
–0.20
4
1
2
3
–2
–1
–3
–4
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
SEE FIGURE 2
MAX – AVERAGE
MIN – AVERAGE
ϕMAX – ϕAVERAGE
ϕMIN – ϕAVERAGE
FREQUENCY (MHz)
66011 G20
0.20
00
0.05
0.10
0.15
–0.10
–0.05
–0.15
–0.20
4
1
2
3
–2
–1
–3
–4
0.1
10
100
1
VS = 3V
VINCM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
SEE FIGURE 1
MAX – AVERAGE
MIN – AVERAGE
ϕMAX – ϕAVERAGE
ϕMIN – ϕAVERAGE
FREQUENCY (MHz)
66011 G21
3
2
1
0
–3
–2
–1
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66011 G22
3
2
1
0
–3
–2
–1
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66011 G23
15
10
5
0
–15
–10
–5
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN TIED TO V+
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
FREQUENCY (MHz)
66011 G24
15
10
5
0
–15
–10
–5
1
10
100
VS = 3V
VICM = VOCM = MID-SUPPLY
BIAS PIN FLOATING
10 RANDOM UNITS PLOTTED
TA = 25°C
+SPECIFICATION
–SPECIFICATION
TIME (μs)
0
5
4
3
2
1
0
–3
–2
–1
–5
–4
1.6
1.4
1.2
1.0
0.8
0.2
0.4
0.6
0
2
66011 G25
6
13
4
5
VS = 5V
BIAS PIN
VOUTDIFF
TIME (μs)
0
2
1
0
–1
–2
2
66011 G26
8
1
3
4567
VS = 3V


Similar Part No. - LTC6601IUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6601IUF-2 LINER-LTC6601IUF-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6601IUF-2PBF LINER-LTC6601IUF-2PBF Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6601IUF-2TRPBF LINER-LTC6601IUF-2TRPBF Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
More results

Similar Description - LTC6601IUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6601-1 LINER-LTC6601-1_15 Datasheet
495Kb / 40P
   Low Noise, 0.5 Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2_15 Datasheet
480Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC3675 LINER-LTC3675 Datasheet
419Kb / 36P
   7-Channel Confi gurable High Power PMIC
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com