Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1855IG Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1855IG
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1855IG Datasheet(HTML) 3 Page - Linear Technology

  LTC1855IG Datasheet HTML 1Page - Linear Technology LTC1855IG Datasheet HTML 2Page - Linear Technology LTC1855IG Datasheet HTML 3Page - Linear Technology LTC1855IG Datasheet HTML 4Page - Linear Technology LTC1855IG Datasheet HTML 5Page - Linear Technology LTC1855IG Datasheet HTML 6Page - Linear Technology LTC1855IG Datasheet HTML 7Page - Linear Technology LTC1855IG Datasheet HTML 8Page - Linear Technology LTC1855IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1854/LTC1855/LTC1856
185456fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input Range
CH0 to CH7, COM
±10
V
ADC+, ADC(Note 3)
ADC
±2.048
V
Impedance
CH0 to CH7, COM
31
k
W
MUXOUT+, MUXOUT
5k
W
Capacitance
CH0 to CH7, COM
5
pF
Sample Mode ADC+, ADC
12
pF
Hold Mode ADC+, ADC
4pF
Input Leakage Current
ADC+, ADC, CONVST = Low
±1
mA
The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25
∞C. (Note 5)
A ALOG I PUT
The
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25
∞C. MUXOUT connected to ADC inputs. (Note 5)
DY A IC ACCURACY
LTC1854
LTC1855
LTC1856
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-(Noise + Distortion) Ratio 1kHz Input Signal
74
83
87
dB
THD
Total Harmonic Distortion
1kHz Input Signal,
–102
–95
–101
dB
First Five Harmonics
Peak Harmonic or Spurious Noise
1kHz Input Signal
–99
–99
–103
dB
Channel-to-Channel Isolation
1kHz Input Signal
–120
–120
–120
dB
–3dB Input Bandwidth
1
1
1
MHz
Aperture Delay
–70
–70
–70
ns
Aperture Jitter
60
60
60
ps
Transient Response
Full-Scale Step
4
4
4
ms
(Note 9)
Overvoltage Recovery
(Note 12)
150
150
150
ns


Similar Part No. - LTC1855IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results

Similar Description - LTC1855IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com