Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6081CDHC-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6081CDHC-TR
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6081CDHC-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6081CDHC-TR Datasheet HTML 4Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 5Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 6Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 7Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 8Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 9Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 10Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 11Page - Linear Technology LTC6081CDHC-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC6081/LTC6082
8
60812f
CAPACITIVE LOAD (pF)
10
55
50
45
40
35
30
25
20
15
10
5
0
10000
60812 G18
100
1000
TA = 25°C
VS = 3V
VCM = 0.5V
AV = 1
AV = 10
VCM (V)
0
4.0
5.0
4.5
60812 G14
1.0
2.0
3.0 3.5
0.5
1.5
2.5
40
30
20
10
–40
–30
–20
–10
0
–50
LTC6081MS8
VS = 5V
TA = 85°C
TA = 70°C
TEMPERATURE (
°C)
1000
100
10
1
0.1
20
40
60
80
100
120
140
60812 G13
VS = 5V
VCM = 2.5V
TIME (s)
0
50
60812 G12
35
30
25
20
10 15
540 45
TA = 25°C
VS = 3V
VCM = 2.5V
FREQUENCY (Hz)
1
300
100
80
60
40
20
200
180
160
140
120
280
260
240
220
0
100
1k
100k
60812 G10
10
10k
VS = 3V
TA = 25°C
PMOS INPUTS
VCM = 0.5V
NMOS INPUTS
VCM = 2.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Voltage vs Frequency
0.1Hz to 10Hz Output
Voltage Noise
0.1Hz to 10Hz Output
Voltage Noise
Input Bias Current vs Temperature
IBIAS vs VCM
IBIAS vs VCM
Large Signal Transient
Small Signal Transient
Overshoot vs CL
TIME (s)
0
50
60812 G11
35
30
25
20
10 15
540 45
TA = 25°C
VS = 3V
VCM = 0.5V
VCM (V)
0
4.0
5.0
4.5
60812 G15
1.0
2.0
3.0 3.5
0.5
1.5
2.5
500
400
300
200
100
–400
–300
–200
–100
0
–500
LTC6081MS8
VS = 5V
TA = 125°C
200
μs/DIV
0.5V/DIV
60812 G16
TA = 25°C
VS = ±1.5V
RL = 10k
CL = 100pF
GND
20
μs/DIV
20mV/DIV
60812 G17
TA = 25°C
VS = ±1.5V
RL = 10k
CL = 100pF
GND


Similar Part No. - LTC6081CDHC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6081CDHC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com