Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6406CMS8E-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6406CMS8E-PBF
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406CMS8E-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6406CMS8E-PBF Datasheet HTML 1Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 2Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 3Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 4Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 5Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 6Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 7Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 8Page - Linear Technology LTC6406CMS8E-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6406
5
6406fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input pins (+IN, –IN, VOCM, SHDN and VTIP) are protected by
steering diodes to either supply. If the inputs should exceed either supply
voltage, the input current should be limited to less than 10mA. In addition,
the inputs +IN, –IN are protected by a pair of back-to-back diodes. If the
differential input voltage exceeds 1.4V, the input current should be limited
to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the Absolute Maximum Rating when the output is shorted
indefinitely. Long-term application of output currents in excess of the
absolute maximum ratings may impair the life of the device.
Note 4: The LTC6406C/LTC6406I are guaranteed functional over the
operating temperature range –40°C to 85°C.
Note 5: The LTC6406C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6406C is designed, characterized, and expected
to meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LTC6406I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: Input bias current is defined as the average of the input currents
flowing into the inputs (–IN, and +IN). Input offset current is defined as the
difference between the input currents (IOS = IB+ – IB–).
Note 7: Input common mode range is tested using the test circuit of
Figure 1 by taking three measurements of differential gain with a ±1V DC
differential output with VICM = 0V; VICM = 1.25V; VICM = 3V, verifying that
the differential gain has not deviated from the VICM = 1.25V case by more
than 0.5%, and that the common mode offset (VOSCM) has not deviated
from the common mode offset at VICM = 1.25V by more than ±20mV.
The voltage range for the output common mode range is tested using the
test circuit of Figure 1 by applying a voltage on the VOCM pin and testing at
both VOCM = 1.25V and at the Electrical Characteristics table limits to verify
that the common mode offset (VOSCM) has not deviated by more than
±10mV from the VOCM = 1.25V case.
Note 8: Input CMRR is defined as the ratio of the change in the input
common mode voltage at the pins +IN or –IN to the change in differential
input referred voltage offset. Output CMRR is defined as the ratio of
the change in the voltage at the VOCM pin to the change in differential
input referred voltage offset. This specification is strongly dependent on
feedback ratio matching between the two outputs and their respective
inputs, and it is difficult to measure actual amplifier performance (see the
“Effects of Resistor Pair Mismatch” in the Applications Information section
of this data sheet). For a better indicator of actual amplifier performance
independent of feedback component matching, refer to the PSRR
specification.
Note 9: Differential power supply rejection (PSRR) is defined as the ratio
of the change in supply voltage to the change in differential input referred
voltage offset. Common mode power supply rejection (PSRRCM) is
defined as the ratio of the change in supply voltage to the change in the
common mode offset, VOUTCM – VOCM.
Note 10: Extended operation with the output shorted may cause the
junction temperature to exceed the 150°C limit.
Note 11: Because the LTC6406 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an ADC.
Therefore, typical output power can be very small in many applications. In
order to compare the LTC6406 with “RF style” amplifiers that require 50
Ω
load, the output voltage swing is converted to dBm as if the outputs were
driving a 50
Ω load. For example, 2VP-P output swing is equal to 10dBm
using this convention.
Note 12: Includes offset/drift induced by feedback resistors mismatch. See
the Applications Information section for more details.
Note 13: QFN package only. Refer to data sheet curves for MSOP package
numbers.
TYPICAL PERFORMANCE CHARACTERISTICS
Differential Input Referred Offset
Voltage vs Temperature
Differential Input Referred
Offset Voltage vs Input Common
Mode Voltage
Common Mode Offset Voltage
vs Temperature
TEMPERATURE (°C)
6406 G01
VS = 3V
VOCM = 1.25V
VICM = 1.25V
RI = RF = 150Ω
FIVE TYPICAL UNITS
–50
50
100
–25
0
25
75
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
INPUT COMMON MODE VOLTAGE (V)
6406 G02
VS = 3V
VOCM = 1.25V
RI = RF = 150Ω
0.1% FEEDBACK NETWORK RESISTORS
TYPICAL UNIT
0
2.0
3.0
0.5
1.0
1.5
2.5
2.0
1.5
1.0
0.5
–0.5
0
–1.0
–1.5
–2.0
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
TEMPERATURE (°C)
6406 G03
VS = 3V
VOCM = 1.25V
VICM = 1.25V
FIVE TYPICAL UNITS
–50
50
100
–25
0
25
75
7
6
5
4
3
2
1
0


Similar Part No. - LTC6406CMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6406 LINER-LTC6406 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6406 LINER-LTC6406 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6406CMS8E-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com