Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6406 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6406 Datasheet HTML 3Page - Linear Technology LTC6406 Datasheet HTML 4Page - Linear Technology LTC6406 Datasheet HTML 5Page - Linear Technology LTC6406 Datasheet HTML 6Page - Linear Technology LTC6406 Datasheet HTML 7Page - Linear Technology LTC6406 Datasheet HTML 8Page - Linear Technology LTC6406 Datasheet HTML 9Page - Linear Technology LTC6406 Datasheet HTML 10Page - Linear Technology LTC6406 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6406
7
6406fb
Frequency Response
vs Closed-Loop Gain
Frequency Response
vs Load Capacitance
Frequency Response vs Input
Common Mode Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
6406 G16
VS = 3V
VOCM = VICM = 1.25V
RLOAD = 400Ω
50
40
30
20
10
0
–50
–40
–30
–20
–10
AV = 1
AV = 2
AV = 5
AV = 10
AV = 20
AV = 100
1
100
10
1000 2000
AV (V/V)
CF (pF)
RI (Ω)
RF (Ω)
1
2
5
10
20
100
150
150
150
150
150
150
150
300
750
1.5k
3k
15k
1.8
1.8
0.7
0.3
0.2
0
FREQUENCY (MHz)
6406 G17
VS = 3V
VOCM = VICM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω, CF = 1.8pF
CAPACITOR VALUES ARE FROM EACH
OUTPUT TO GROUND.
NO SERIES RESISTORS ARE USED.
30
20
10
0
–60
–50
–40
–30
–20
–10
CL = 0pF
CL = 2pF
CL = 3pF
CL= 4.7pF
CL = 10pF
1
100
10
1000 2000
FREQUENCY (MHz)
6406 G18
VS = 3V
VOCM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω, CF = 1.8pF
10
5
0
–5
–35
–30
–20
–10
–25
–15
VICM = 0V
VICM = 0.5V
VICM = 1.25V
VICM = 2V
VICM = 3V
1
100
10
1000 2000
Small-Signal Step Response
Large-Signal Step Response
Output Overdrive Response
10ns/DIV
6406 G13
20mV/DIV
VS = 3V
VOCM = VICM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω, CF = 1.8pF
CL = 0pF
VIN = 200mVP-P, DIFFERENTIAL
+OUT
–OUT
10ns/DIV
6406 G14
0.2V/DIV
VS = 3V
RLOAD = 400Ω
VIN = 2VP-P, DIFFERENTIAL
+OUT
–OUT
100ns/DIV
6406 G15
2.5
2.0
1.5
1.0
0.5
0
VS = 3V
VOCM = 1.25V
RLOAD = 200Ω TO GROUND PER OUTPUT
+OUT
–OUT
(QFN Package)


Similar Part No. - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6406 LINER-LTC6406 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6406 LINER-LTC6406 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6406 LINER-LTC6406 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6406 LINER-LTC6406 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6406

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com