Part Name
         Description
LTC6404HUD-1-PBF

 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver ( 28 Page)


LINER
100% 
Zoom Out Zoom In
 17 page
background image
LTC6404
17
6404f
PIN FUNCTIONS
potential. On the LTC6404-2, the VOCM pin has a input
resistance of approximately 14k. On the LTC6404-4, the
VOCM pin has a input resistance of approximately 7k. The
VOCM pin should be bypassed with a high quality ceramic
bypass capacitor of at least 0.01μF, (unless you are using
split supplies, then connect directly to a low impedance,
low noise ground plane) to minimize common mode noise
from being converted to differential noise by impedance
mismatches both externally and internally to the IC.
NC (Pins 5, 16): No Connection. These pins are not con-
nected internally.
OUT+, OUT(Pins 7, 14):
Unfiltered Output Pins. Besides
driving the feedback network, each pin can drive an ad-
ditional 50
Ω to ground with typical short-circuit current
limiting of ±65mA. Each amplifier output is designed to
drive a load capacitance of 10pF. This basically means
the amplifier can drive 10pF from each output to ground
or 5pF differentially. Larger capacitive loads should be
decoupled with at least 25
Ω resistors in series with each
output. For long-term device reliability, it is recommended
that the continuous (DC + ACRMS) output current be limited
to under 50mA.
OUTF+, OUTF(Pins 8, 13):
Filtered Output Pins. These
pins have a series 50
Ω resistor connected between the
filtered and unfiltered outputs and three 12pF capacitors.
Both OUTF+ and OUTFhave 12pF to V, plus an additional
12pF differentially between OUTF+ and OUTF. This filter
creates a differential lowpass frequency response with
a –3dB bandwidth of 88.5MHz. For long-term device
reliability, it is recommended that the continuous (DC +
ACRMS) output current be limited to under 40mA.
IN+, IN(Pins 15, 6):
Noninverting and Inverting Input Pins
of the Amplifier, Respectively. For best performance, it is
highly recommended that stray capacitance be kept to an
absolute minimum by keeping printed circuit connections
as short as possible, and if necessary, stripping back nearby
surrounding ground plane away from these pins.
Exposed Pad (Pin 17): Tie the pad to V(Pins 3, 9, and 12).
If split supplies are used, do not tie the pad to ground.
BLOCK DIAGRAM
+
1
5
NC
6
IN
7
OUT+
8
OUTF+
16
NC
15
IN+
14
OUT
13
OUTF
2
V+
3
V
V+
V+
V+
V+
V+
V
V
V+
V+
50Ω
12pF
12pF
12pF
66k
V
4
VOCM
VOCM
12
V
6404 BD
11
V+
10
V+
9
V
50Ω
2 • RVOCM
2 • RVOCM
V
V
V+
V
V+
V
V+
V
V+
V
V+
V
V
V
SHDN
IC
LTC6404-1
LTC6404-2
LTC6404-4
2 • RVOCM
47k
28k
14k



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT1994Low Noise Low Distortion Fully Differential Input/Output Amplifi er/Driver 1 2 3 4 5 MoreLinear Technology
LTC6403-1200MHz Low Noise Low Power Fully Differential Input/Output Amplifi er/Driver 1 2 3 4 5 MoreLinear Technology
LT6604-5Dual Very Low Noise Differential Amplifi er and 5MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT1993-2800MHz Low Distortion Low Noise Differential Amplifi er/ADC Driver AV = 2V/V 1 2 3 4 5 MoreLinear Technology
LT6604-10Dual Very Low Noise Differential Amplifi er and 10MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT1993-4900MHz Low Distortion Low Noise Differential Amplifi er/ADC Driver AV = 4V/V 1 2 3 4 5 MoreLinear Technology
LT6604-15Dual Very Low Noise Differential Amplifi er and 15MHz Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LT1007_1Low Noise High Speed Precision Operational Amplifiers 1 2 3 4 5 MoreLinear Technology
LT1993-10700MHz Low Distortion Low Noise Differential Amplifi er/ADC Driver AV = 10V/V 1 2 3 4 5 MoreLinear Technology
AD8605_08Precision Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl