Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6081IDHC-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6081IDHC-PBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6081IDHC-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6081IDHC-PBF Datasheet HTML 7Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 8Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 9Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 10Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 11Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 12Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 13Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 14Page - Linear Technology LTC6081IDHC-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6081/LTC6082
11
60812f
–15
0.30
0.25
0.20
0.15
0.10
0.5
0
60812 F01
–12 –9
–3
–6
0
VOS CHANGE (μV)
15
12
9
36
VOS CHANGE AFTER 3 THERMAL CYCLES
VCM = 0.5V
V+ = 3V
300 UNITS
APPLICATIONS INFORMATION
Preserving Input Precision
Preserving input accuracy of the LTC6081/LTC6082 re-
quires that the application circuit and PC board layout do
not introduce errors comparable or greater than the 5μV
typical offset of the amplifiers. Temperature differentials
across the input connections can generate thermocouple
voltages of 10’s of microvolts so the connections to the
input leads should be short, close together and away from
heat dissipating components. Air current across the board
can also generate temperature differentials.
The extremely low input bias currents (0.1pA typical) al-
low high accuracy to be maintained with high impedance
sources and feedback resistors. Leakage currents on the
PC board can be higher than the input bias current. For
example, 10GΩ of leakage between a 5V supply lead and
an input lead will generate 500pA! Surround the input
leads with a guard ring driven to the same potential as the
input common mode voltage to avoid excessive leakage
in high impedance applications.
Capacitive Load
LTC6081/LTC6082 can drive capactive load up to 200pF in
unity gain. The capacitive load driving capability increases
as the amplifier is used in higher gain configurations. A
small series resistance between the output and the load
further increases the amount of capacitance the amplifier
can drive.
⎯S⎯H⎯D⎯N Pins
Pins 5 and 6 are used for power shutdown on the LTC6081
in the DD package. If they are floating, internal current
sources pull Pins 5 and 6 to V+ and the amplifiers operate
normally. In shutdown, the amplifier output is high imped-
ance, and each amplifier draws less than 2μA current.
Rail-to-Rail Input
The input stage of LTC6081/LTC6082 combines both PMOS
and NMOS differential pairs, extending its input common
mode voltage range to both positive and negative supply
voltages. At high input common mode range, the NMOS
pair is on. At low common mode range, the PMOS pair is
on. The transition happens when the common voltage is
between 1.3V and 0.9V below the positive supply. LTC6081
has better low frequency noise performance with PMOS
input on due to its lower flicker noise (see Voltage Noise
vs Frequency and 0.1Hz to 10Hz Input Voltage Noise in
Typical Performance Characteristics).
Thermal Hysteresis
Figure 1 shows the input offset voltage hysteresis of the
LTC6081IMS8 for 3 thermal cycles from –45°C to 90°C.
The typical offset shift is ±4μV. The data was taken with
the ICs in stress free sockets. Mounting to PC boards
may cause additional hysteresis due to mechanical stress.
The LTC6081 will meet offset voltage specifications in the
electrical characteristics table even after 15μV of additional
error from thermal hysteresis.
Figure 1. VOS Thermal Hysteresis of LTC6081MS8


Similar Part No. - LTC6081IDHC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6081IDHC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com