Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6404 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 4 Page - Linear Technology

  LTC6404 Datasheet HTML 1Page - Linear Technology LTC6404 Datasheet HTML 2Page - Linear Technology LTC6404 Datasheet HTML 3Page - Linear Technology LTC6404 Datasheet HTML 4Page - Linear Technology LTC6404 Datasheet HTML 5Page - Linear Technology LTC6404 Datasheet HTML 6Page - Linear Technology LTC6404 Datasheet HTML 7Page - Linear Technology LTC6404 Datasheet HTML 8Page - Linear Technology LTC6404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6404
4
6404f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVOSCM/ΔT Common Mode Offset Voltage Drift
VS = 2.7V to 5.25V
LTC6404-1
LTC6404-2
LTC6404-4
±10
±20
±20
μV/°C
μV/°C
μV/°C
VOUTCMR
(Note 7)
Output Signal Common Mode Range
(Voltage Range for the VOCM Pin)
VS = 3V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
1.1
1.1
1.1
2
2
1.7
V
V
V
VS = 5V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
1.1
1.1
1.1
4
4
3.7
V
V
V
RINVOCM
Input Resistance, VOCM Pin
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
15
8
4
23.5
14
7
32
20
10
VMID
Voltage at the VOCM Pin
VS = 3V
l
1.45
1.5
1.55
V
VOUT
Output Voltage High, Either Output Pin (Note 10)
VS = 3V, IL = 0mA
VS = 3V, IL = 5mA
VS = 3V, IL = 20mA
l
l
l
325
360
480
550
600
750
mV
mV
mV
VS = 5V, IL = 0mA
VS = 5V, IL = 5mA
VS = 5V, IL = 20mA
l
l
l
460
500
650
700
750
1000
mV
mV
mV
Output Voltage Low, Either Output Pin (Note 10)
VS = 3V, IL = 0mA
VS = 3V, IL = –5mA
VS = 3V, IL = –20mA
l
l
l
120
140
200
230
260
350
mV
mV
mV
VS = 5V, IL = 0mA
VS = 5V, IL = –5mA
VS = 5V, IL = –20mA
l
l
l
175
200
285
320
350
550
mV
mV
mV
ISC
Output Short-Circuit Current, Either Output Pin
(Note 11)
VS = 2.7V
VS = 3V
VS = 5V
l
l
l
±35
±40
±55
±60
±65
±85
mA
mA
mA
AVOL
Large-Signal Voltage Gain
VS = 3V
90
dB
VS
Supply Voltage Range
l
2.7
5.25
V
IS
Supply Current (LTC6404-1)
VS = 2.7V, VSHDN = VS – 0.6V
VS = 3V, VSHDN = VS – 0.6V
VS = 5V, VSHDN = VS – 0.6V
l
l
l
27.2
27.3
27.8
35.5
35.5
36.5
mA
mA
mA
Supply Current (LTC6404-2)
VS = 2.7V, VSHDN = VS – 0.6V
VS = 3V, VSHDN = VS – 0.6V
VS = 5V, VSHDN = VS – 0.6V
l
l
l
29.7
29.8
30.4
38.5
38.5
39.5
mA
mA
mA
Supply Current (LTC6404-4)
VS = 2.7V, VSHDN = VS – 0.6V
VS = 3V, VSHDN = VS – 0.6V
VS = 5V, VSHDN = VS – 0.6V
l
l
l
30.0
30.2
31.0
39
39
40
mA
mA
mA
ISHDN
Supply Current in Shutdown (LTC6404-1)
VS = 2.7V, VSHDN = VS – 2.1V
VS = 3V, VSHDN = VS – 2.1V
VS = 5V, VSHDN = VS – 2.1V
l
l
l
0.22
0.25
0.35
1
1
2
mA
mA
mA
Supply Current in Shutdown (LTC6404-2)
VS = 2.7V, VSHDN = VS – 2.1V
VS = 3V, VSHDN = VS – 2.1V
VS = 5V, VSHDN = VS – 2.1V
l
l
l
0.22
0.25
0.35
1
1
2
mA
mA
mA
Supply Current in Shutdown (LTC6404-4)
VS = 2.7V, VSHDN = VS – 2.1V
VS = 3V, VSHDN = VS – 2.1V
VS = 5V, VSHDN = VS – 2.1V
l
l
l
0.28
0.30
0.50
1.2
1.2
2.4
mA
mA
mA
The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-Supply,
VSHDN = OPEN, RL = OPEN, RBAL = 100k (See Figure 1). For the LTC6404-1: RI = 100Ω, RF = 100Ω. For the LTC6404-2: RI = 100Ω,
RF = 200Ω. For the LTC6404-4: RI = 100Ω, RF = 402Ω, unless otherwise noted. VS is defined (V+ – V). VOUTCM = (VOUT+ + VOUT–)/2.
VICM is defined (VIN+ + VIN–)/2. VOUTDIFF is defined (VOUT+ – VOUT–). VINDIFF = (VINP – VINM)
LTC6404 DC ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC6404

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6404-1 LINER-LTC6404-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6404-1 LINER-LTC6404-1 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6404

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com