Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401CUD-14-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6401CUD-14-PBF
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401CUD-14-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6401CUD-14-PBF Datasheet HTML 3Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 4Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 5Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 6Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 7Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 8Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 9Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 10Page - Linear Technology LTC6401CUD-14-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6401-14
7
640114f
TYPICAL PERFORMANCE CHARACTERISTICS
Third Order Intermodulation
Distortion vs Frequency
Harmonic Distortion vs Frequency
Third Order Intermodulation
Distortion vs Frequency
Equivalent Output 1dB
Compression Point vs Frequency
Equivalent Output Third Order
Intercept Point vs Frequency
Turn-On Time
Turn-Off Time
FREQUENCY (MHz)
20
19
18
16
17
15
640114 G16
DIFFERENTIAL INPUT
RL = 375Ω
TEST CIRCUIT A (NOTE 7)
0
100 120 140 160 180
20 40 60 80
200
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–110
–100
640114 G14
HD2 NO RL
HD2 200
Ω RL
HD3 NO RL
HD3 200
Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P
0
100 120 140 160 180
20 40 60 80
200
0
100
–40
–50
–60
–80
–90
–70
–110
–100
120 140 160 180
20 40 60 80
200
FREQUENCY (MHz)
640114 G13
NO RL
200
Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P COMPOSITE
0
100
–40
–50
–60
–80
–90
–70
–110
–100
120 140 160 180
20 40 60 80
200
FREQUENCY (MHz)
640114 G15
NO RL
200
Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P COMPOSITE
0
100 120 140 160 180
20 40 60 80
200
FREQUENCY (MHz)
60
50
40
20
10
30
0
640114 G17
DIFFERENTIAL INPUT
(NOTE 7)
NO RL
200
Ω RL
TIME (ns)
0
–100
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
70
10
50
30
40
60
–10
20
0
100
200
300
400
640114 G18
+OUT
–OUT
ICC
ENABLE
RL = 87.5Ω PER OUTPUT
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
640114 G19
+OUT
–OUT
ENABLE
ICC
RL = 87.5Ω PER OUTPUT
TIME (ns)
70
10
50
30
40
60
–10
20
0
0
–100
100
200
300
400


Similar Part No. - LTC6401CUD-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6401CUD-14 LINEAR-LTC6401CUD-14 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
More results

Similar Description - LTC6401CUD-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6401CUD-8 LINEAR-LTC6401CUD-8 Datasheet
206Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com