Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6102HVIMS8-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6102HVIMS8-PBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102HVIMS8-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6102HVIMS8-PBF Datasheet HTML 1Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 2Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 3Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 4Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 5Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 6Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 7Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 8Page - Linear Technology LTC6102HVIMS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC6102/LTC6102HV
5
6102fb
Input VOS vs Temperature
Input VOS vs Supply Voltage
Input Sense Range
LTC6102: VOUT Maximum vs
Temperature
LTC6102HV: VOUT Maximum vs
Temperature
LTC6102: IOUT Maximum vs
Temperature
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. In addition to the Absolute Maximum Ratings, the
output current of the LTC6102 must be limited to ensure that the power
dissipation in the LTC6102 does not allow the die temperature to exceed
150°C. See the Applications Information “Output Current Limitations Due
to Power Dissipation” for further information.
Note 2: The LTC6102C/LTC6102HVC are guaranteed to meet specified
performance from 0°C to 70°C. The LTC6102C/LTC6102HVC are designed,
characterized and expected to meet specified performance from –40°C to
85°C but are not tested or QA sampled at these temperatures. LTC6102I/
LTC6102HVI are guaranteed to meet specified performance from –40°C
to 85°C. The LTC6102H/LTC6102HVH are guaranteed to meet specified
performance from –40°C to 125°C.
Note 3: These Parameters are guaranteed by design and are not 100%
tested. Thermocouple effects preclude measurements of these voltage
levels during automated testing.
Note 4: Limits are fully tested. Limit is determined by high speed
automated test capability.
Note 5: IB specification is limited by practical automated test resolution.
Please refer to the Typical Performance Characteristics section for
more information regarding actual typical performance. For tighter
specifications, please contact LTC Marketing.
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
20
15
10
5
0
–5
–10
–15
–20
6102 G01
TEMPERATURE (°C)
–40
120
040
80
–20
20
60
100
VS = 12V
VS = 4V
SUPPLY VOLTAGE (V)
6102 G02
432
12 16
824 28
20
36
44 48
40
52 56 60
20
15
10
5
0
–5
–10
–15
–20
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
TA = 125°C
040
20
120
100
60
80
VSUPPLY (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
6102 G03
TA = 25°C
TEMPERATURE (°C)
–40
40
80
120
100
–20
6102 G04
020
60
VS = 60V
VS = 12V
VS = 6V
VS = 5V
VS = 4V
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TEMPERATURE (°C)
–40
40
80
120
100
–20
6102 G05
020
60
VS = 100V
VS = 12V
VS = 6V
VS = 5V
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TEMPERATURE (°C)
6102 G06
VS = 12V
VS = 60V
VS = 6V
VS = 5V
VS = 4V
–40
40
80
120
100
–20
0
20
60
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0


Similar Part No. - LTC6102HVIMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
More results

Similar Description - LTC6102HVIMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com