Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6240CS5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6240CS5
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS5 Datasheet(HTML) 4 Page - Linear Technology

  LTC6240CS5 Datasheet HTML 1Page - Linear Technology LTC6240CS5 Datasheet HTML 2Page - Linear Technology LTC6240CS5 Datasheet HTML 3Page - Linear Technology LTC6240CS5 Datasheet HTML 4Page - Linear Technology LTC6240CS5 Datasheet HTML 5Page - Linear Technology LTC6240CS5 Datasheet HTML 6Page - Linear Technology LTC6240CS5 Datasheet HTML 7Page - Linear Technology LTC6240CS5 Datasheet HTML 8Page - Linear Technology LTC6240CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6240/LTC6241/LTC6242
4
624012fc
(LTC6240C/I, LTC6240HVC/I, LTC6241C/I, LTC6241HVC/I, LTC6242C/I,
LTC6242HVC/I) The denotes the specifications which apply over the specified temperature range, otherwise specifications are at
TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
LTC6241 S8
0°C to 70°C
–40°C to 85°C
40
125
250
300
µV
µV
µV
LTC6242 GN
0°C to 70°C
–40°C to 85°C
50
150
275
300
µV
µV
µV
LTC6240
0°C to 70°C
–40°C to 85°C
50
175
300
350
µV
µV
µV
LTC6241 DD, LTC6242 DHC
0°C to 70°C
–40°C to 85°C
100
550
650
725
µV
µV
µV
VOS Match Channel-to-Channel (Note 5) LTC6241 S8
0°C to 70°C
–40°C to 85°C
40
160
300
375
µV
µV
µV
LTC6242 GN
0°C to 70°C
–40°C to 85°C
50
185
325
400
µV
µV
µV
LTC6241 DD, LTC6242 DHC
0°C to 70°C
–40°C to 85°C
150
650
700
750
µV
µV
µV
TC VOS
Input Offset Voltage Drift (Note 6)
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 4, 7)
LTC6241, LTC6242
0.2
75
pA
pA
LTC6240
0.2
1
75
pA
pA
IOS
Input Offset Current (Notes 4, 7)
LTC6241, LTC6242
0.2
75
pA
pA
LTC6240
0.2
1
75
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
550
nVP-P
AVAILABLE OPTIO S
PART NUMBER
AMPS/PACKAGE
SPECIFIED TEMP RANGE
SPECIFIED SUPPLY VOLTAGE
PACKAGE
PART MARKING
LTC6242CGN
4
0°C to 70°C
3V, 5V
GN
6242
LTC6242CDHC
4
0°C to 70°C
3V, 5V
DHC
6242
LTC6242HVCGN
4
0°C to 70°C
3V, 5V, ±5V
GN
6242HV
LTC6242HVCDHC
4
0°C to 70°C
3V, 5V, ±5V
DHC
6242HV
LTC6242IGN
4
–40°C to 85°C
3V, 5V
GN
6242I
LTC6242IDHC
4
–40°C to 85°C
3V, 5V
DHC
6242
LTC6242HVIGN
4
–40°C to 85°C
3V, 5V, ±5V
GN
242HVI
LTC6242HVIDHC
4
–40°C to 85°C
3V, 5V, ±5V
DHC
6242HV
LTC6242HGN
4
–40°C to 125°C
3V, 5V
GN
6242H
LTC6242HVHGN
4
–40°C to 125°C
3V, 5V, ±5V
GN
242HVH


Similar Part No. - LTC6240CS5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6240CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com