Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6104IMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6104IMS8
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104IMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC6104IMS8 Datasheet HTML 1Page - Linear Technology LTC6104IMS8 Datasheet HTML 2Page - Linear Technology LTC6104IMS8 Datasheet HTML 3Page - Linear Technology LTC6104IMS8 Datasheet HTML 4Page - Linear Technology LTC6104IMS8 Datasheet HTML 5Page - Linear Technology LTC6104IMS8 Datasheet HTML 6Page - Linear Technology LTC6104IMS8 Datasheet HTML 7Page - Linear Technology LTC6104IMS8 Datasheet HTML 8Page - Linear Technology LTC6104IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6104
4
6104f
TYPICAL PERFORMANCE CHARACTERISTICS
Input VOS vs Temperature
Input VOS vs Supply Voltage
Input Sense Range vs Supply
Voltage
VOUT Maximum vs Temperature
Gain vs Frequency
Input Bias Current vs Temperature
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–40
–100
–80
–40
–20
0
40
0
40
60
6104 G01
–60
60
80
100
20
–20
20
80
100 120
RIN = 100Ω
ROUT = 5k
VIN = 5mV
VOS OF INTERNAL
AMPLIFIER A
VOS OF INTERNAL
AMPLIFIER B
TWO REPRESENTATIVE UNITS
VS (V)
4
–50
–40
–20
–10
0
50
20
18
32
39
6104 G02
–30
30
40
10
11
25
46
53
60
TWO REPRESENTATIVE UNITS
TA = 25°C
RIN = 100Ω
ROUT = 5k
VIN = 5mV
VOS OF INTERNAL
AMPLIFIER A
VOS OF INTERNAL
AMPLIFIER B
440
10
20
30
50
60
VS (V)
2.5
2.0
1.5
1.0
0.5
0
6104 G03
TA = 25°C
RIN = 5k
ROUT = 2.5k
TA = 25°C
NO LIMITS FOR VSENSE IF
VSENSE < 0V AND VS ≥ 4V
TA = 0°C
TA = –40°C
TA = 70°C
TA = 85°C
TA = 125°C
TEMPERATURE (
°C)
–40
0
2
6
8
10
0
40
60
6104 G04
4
–20
20
80
100 120
12
VS = 60V
VS = 12V
VS = 6V
VS = 4V
TEMPERATURE (
°C)
–40
0.070
0.075
0.080
120
6104 G05
0.065
0.060
0.050
0
40
80
–20
20
60
100
0.055
0.090
0.085
VS = 60V
VS = 4V, 6V, 12V
IOUT Maximum vs Temperature
VOUT Minimum vs Temperature
TEMPERATURE (
°C)
–40
–2
0
2
120
6104 G06
–4
–6
–10
0
40
80
–20
20
60
100
–8
6
4
VS = 6V
VS = 4V
VS = 12V
VS = 60V
FREQUENCY (Hz)
5
35
40
0
–5
30
15
25
20
10
1k
100k
1M
6104 G08
–10
10k
IOUT = ±200µA
IOUT = ±1mA
TA = 25°C
RIN = 100Ω
ROUT = 5k
TEMPERATURE (
°C)
160
140
120
100
80
60
40
20
0
–40
40
80
120
100
–20
6104 G09
020
60
VS = 6V TO 100V
VS = 4V
440
10
20
30
50
60
SUPPLY VOLTAGE (V)
900
800
700
600
500
400
300
200
100
0
6104 G10
VIN = 0V
ROUT = 1M
TA = 0°C
TA = –40°C
TA = 125°C
TA = 85°C
TA = 70°C
TA = 25°C


Similar Part No. - LTC6104IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6104 LINER-LTC6104 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6104 LINER-LTC6104 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
More results

Similar Description - LTC6104IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8210 AD-AD8210 Datasheet
226Kb / 7P
   High-Side Bi-directional Current Shunt Monitor
Rev. PrA
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com