Part Name
         Description
LTC6104CMS8

 High Voltage, High Side, Bi-Directional Current Sense Amplifi er ( 16 Page)


LINER
100% 
Zoom Out Zoom In
 10 page
background image
LTC6104
10
6104f
APPLICATIONS INFORMATION
From the Electrical Characteristics of the LTC6104, the
output voltage range is 0.3V to 8V.
If the circuit that is driven by the output limits the maxi-
mum output voltage to ≈5V, to achieve maximum dynamic
range, VOUT should be 0.3V for –1mA IOUT and 5V for
1mA IOUT.
R
VV
mA
k
VV
OUT
REF
==
=+
=
50 3
2
235
03
50 3
2
265
–.
.,
.
–.
.
A standard 2.5V reference could be used in this example.
With IOUT = ±1mA and ROUT = 2.2k, the output voltage
range would equal 0.3V to 4.7V
VREF Considerations
VREF as shown in Figure 1, provides a positive offset so
that the output can swing above and below this point. It is
recommended that this is an accurate voltage reference.
Most voltage references will work in this application as
long as they are able to sink and source current. Make sure
that the device maintains the required voltage accuracy as
the current varies through its entire range.
Error Sources
The current sense system uses an amplifier and resistors
to apply gain and level shift the result. The output is then
dependent on the characteristics of the amplifier, such as
gain and input offset, as well as resistor matching. Ideally,
the circuit output is:
VV
I
R
V
R
R
VR
OUT
REF
OUT
OUT
SENSE
OUT
IN
SENSE
–•
,
==
= SSENSE SENSE
I
In this case, the only error is due to resistor mismatch,
which provides an error in gain only. However, offset
voltage, bias current and finite gain in the amplifier cause
additional errors.
Output Error, EOUT, Due to the Amplifier DC Offset
Voltage, VOS
EV
R
R
OUT VOS
OS
OUT
IN
()
=
The DC offset voltage of the amplifier adds directly to the
value of the sense voltage, VSENSE. This is the dominant
error of the system and it limits the available dynamic
range. The section, Selection of External Current Sense
Resistor, provides details.
Output Error, EOUT, Due to the Bias Currents, IB
+ and
IB
The bias current IB
+ flows into the positive input of the
internal op amp. IB
flows into the negative input.
ER
I
R
R
I
OUT IBIAS
OUT
B
SENSE
IN
B
()
•–
=
⎝⎜
⎠⎟
+
Since IB
+ ≈ IB– = IBIAS, if RSENSE << RIN then:
EOUT(IBIAS) ≈ –ROUT • IBIAS
For instance if IBIAS is 100nA and ROUT is 1k, the output
error is 0.1mV.
Output Error, EOUT, Due to the Finite DC Open-Loop
Gain, AOL, of the LTC6104 Amplifier
This error is inconsequential as the AOL of the LTC6104
is very large.
Example:
If an ISENSE range = (±1mA to ±1A) and
V
I
V
A
OUT
SENSE
=
3
1
Then, from the Electrical Characteristics of the
LTC6104:
R
V
I
mV
A
m
SENSE
SENSE MAX
SENSE MAX
≈=
=
()
()
500
1
500
G
Gain
R
R
V
V
V
mV
OUT
IN
OUT MAX
SENSE MAX
==
=
=
()
()
3
500
6
6



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC6103Dual High Voltage High Side Current Sense Amplifier 1 2 3 4 5 MoreLinear Technology
INA210_08Voltage Output High or Low Side Measurement Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR 1 2 3 4 5 MoreTexas Instruments
INA210Voltage Output High or Low Side Measurement Bi-Directional Zerø-Drift Series CURRENT SHUNT MONITOR 1 2 3 4 5 MoreTexas Instruments
VND5004A-EDouble 4mΩ high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
VN5E050AJ-ESingle channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
TSC101_1High side current sense amplifier 1 2 3 4 5 MoreSTMicroelectronics
VND5025AK-EDouble channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics
VND5160AJ-EDouble channel high side driver with analog current sense for automotive applications 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl