Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6082IDD-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6082IDD-TRPBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6082IDD-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6082IDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC6082IDD-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6081/LTC6082
7
60812f
FREQUENCY (Hz)
1
110
100
90
80
70
60
50
40
30
20
10
0
100
1k
100k
60812 G09
10
10k
VS = 3V
VCM = 0.5V
VS = 5V
VCM = 0.5V
TA = 25°C
TIME AFTER POWER UP (s)
0
60
60812 G08
35
30
25
20
10 15
5
50 55
40 45
25
20
15
10
5
0
–5
TA = 25°C
VCM = 0.5V
VS = 3V
VS = 5V
VCM (V)
0
45
23
1
60812 G06
140
120
100
80
–40
–20
20
0
40
60
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
VCM (V)
0
2.5
3.0
1.5
2.0
0.5
1.0
60812 G05
40
30
20
10
–40
–30
–20
–10
0
VS = 3V
TA = 25°C
REPRESENTATIVE PARTS
VOSDRIFT (μV/°C)
30
25
20
15
10
5
0
0.20
60812 G01
0.30
–0.10
–0.20
0
0.10
LTC6081MS8
TA = –40°C TO 125°C
VS = 3V
VCM = 0.5V
VOSDRIFT (μV/°C)
25
20
15
10
5
0
60812 G02
0.20
–0.10
–0.20
–0.30
0
0.10
LTC6081DFN
TA = –40°C TO 125°C
VS = 3V
VCM = 0.5V
TEMPERATURE (
°C)
–50
110 130
60812 G03
–10
30
70
90
–30
10
50
25
20
15
10
5
0
–5
–10
–15
–20
LTC6081MS8
VS = 3V
VCM = 0.5V
REPRESENTATIVE PARTS
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Drift Histogram
VOS Drift Histogram
VOS vs Temperature
VOS Histogram
VOS vs VCM
VOS vs VCM
VOS vs Output Current
Warm-Up Drift vs Time
Noise Voltage vs Frequency
VOS (μV)
6.5
60812 G04
10.5
–5.5
–9.5
–1.5
2.5
LTC6081MS8
TA = 25°C
VS = 3V
VCM = 0.5V
18
16
14
12
10
8
6
4
2
0
OUTPUT CURRENT (mA)
–6
46
60812 G07
–2
2
0
–4
200
150
100
50
0
–50
–100
VS = 5V
VCM = 2.5V
TA = 125°C
TA = 25°C
TA = 55°C
SINKING
CURRENT
SOURCING CURRENT


Similar Part No. - LTC6082IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6082 LINER-LTC6082 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6082IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com