Part Name
         Description
LTC6081IDD-TRPBF

 Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers ( 20 Page)


LINER
100% 
Zoom Out Zoom In
 
 5 page
background image
LTC6081/LTC6082
5
60812f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 3V, V= 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Shutdown Logic
⎯S⎯H⎯D⎯N High
⎯S⎯H⎯D⎯N Low
2
0.8
2
0.8
V
V
THD
Total Harmonic Distortion
f = 10kHz, V+ = 3V, VOUT = 1VP-P, RL = 10k
–90
–90
dB
tON
Turn-On Time
V⎯S⎯H⎯D⎯N = 0.8V to 2V
10
10
μs
tOFF
Turn-Off Time
V⎯S⎯H⎯D⎯N = 2V to 0.8V
2
2
μs
⎯S⎯H⎯D⎯N Pin Current
V⎯S⎯H⎯D⎯N = 0V
2μA
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Test
conditions are V+ = 5V, V= 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage
LTC6081MS8, LTC6082GN
VCM = 0.5V
LTC6081MS8, LTC6082GN
VCM = 0.5V
LTC6081DD, LTC6082DHC
VCM = 0.5V
LTC6081DD, LTC6082DHC
VCM = 0.5V
–70
–90
–70
–90
70
90
70
90
–70
–90
70
90
μV
μV
μV
μV
ΔVOS ⁄ΔT Input Offset Voltage Drift
(Note 8)
±0.2
±0.8
±0.2
±0.8
μV/°C
IB
Input Bias Current
0.2
40
0.2
500
pA
pA
IOS
Input Offset Current
0.1
15
0.1
100
pA
pA
en
Input Referred Noise
f = 1kHz
0.1Hz to 10Hz
13
1.3
13
1.3
nV/√Hz
μVP-P
In
Input Noise Current Density
(Note 7)
0.5
0.5
fA/√Hz
Input Common Mode Range
V
V+
V
V+
V
CDIFF
Differential Input Capacitance
3
3
pF
CCM
Common Mode Input
Capacitance
77
pF
CMRR
Common Mode Rejection
Ratio
VCM = 0V to 3.5V
VCM = 0V to 3.5V
VCM = 0V to 5V
100
95
86
110
110
95
100
94
86
110
110
95
dB
dB
dB
PSRR
Power Supply Rejection Ratio VS = 2.7V to 5.5V
98
96
110
98
96
110
dB
dB
VOUT
Output Voltage, High, Either
Output Pin (Referred to V+)
No Load
ISOURCE = 0.5mA
ISOURCE = 5mA
–24
–200
1
–25
–220
1mV
mV
mV
Output Voltage, Low, Either
Output Pin (Referred to V)
No Load
ISINK = 0.5mA
ISINK = 5mA
1
27
210
1
32
240
mV
mV
mV
AVOL
Large-Signal Voltage Gain
RLOAD = 10k, 0.5V < VOUT < 4.5V
110
120
110
120
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC6078Micropower Precision Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers 1 2 3 4 5 MoreLinear Technology
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
AD866316V 180μA Low Power Low Noise Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 Analog Devices
LT1801Dual/Quad 80MHz 25V/μs Low Power Rail-to-Rail Input and Output Precision Op Amps 1 2 3 4 5 MoreLinear Technology
ISL28276_07Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps 1 2 3 4 5 MoreIntersil Corporation
LMP2015High Precision Rail-to-Rail Output Operational Amplifier Coming SoonIntersil Corporation
ISL28288Dual Micropower Single Supply Rail-to-Rail Input and Output RRIO Precision Op-Amp 1 2 3 4 5 MoreIntersil Corporation
AD8641_05Low Power Rail-to-Rail Output Precision JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8622Dual Low Power Low Noise Low Bias Current Precision Rail-to-Rail Output Op Amp 1 2 3 4 Analog Devices
AD8691_07Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl