Part Name
         Description
LTC6081IDD-TRPBF

 Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers ( 20 Page)


LINER
100% 
Zoom Out Zoom In
 7 page
background image
LTC6081/LTC6082
7
60812f
FREQUENCY (Hz)
1
110
100
90
80
70
60
50
40
30
20
10
0
100
1k
100k
60812 G09
10
10k
VS = 3V
VCM = 0.5V
VS = 5V
VCM = 0.5V
TA = 25°C
TIME AFTER POWER UP (s)
0
60
60812 G08
35
30
25
20
10 15
5
50 55
40 45
25
20
15
10
5
0
–5
TA = 25°C
VCM = 0.5V
VS = 3V
VS = 5V
VCM (V)
0
45
23
1
60812 G06
140
120
100
80
–40
–20
20
0
40
60
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
VCM (V)
0
2.5
3.0
1.5
2.0
0.5
1.0
60812 G05
40
30
20
10
–40
–30
–20
–10
0
VS = 3V
TA = 25°C
REPRESENTATIVE PARTS
VOSDRIFT (μV/°C)
30
25
20
15
10
5
0
0.20
60812 G01
0.30
–0.10
–0.20
0
0.10
LTC6081MS8
TA = –40°C TO 125°C
VS = 3V
VCM = 0.5V
VOSDRIFT (μV/°C)
25
20
15
10
5
0
60812 G02
0.20
–0.10
–0.20
–0.30
0
0.10
LTC6081DFN
TA = –40°C TO 125°C
VS = 3V
VCM = 0.5V
TEMPERATURE (
°C)
–50
110 130
60812 G03
–10
30
70
90
–30
10
50
25
20
15
10
5
0
–5
–10
–15
–20
LTC6081MS8
VS = 3V
VCM = 0.5V
REPRESENTATIVE PARTS
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Drift Histogram
VOS Drift Histogram
VOS vs Temperature
VOS Histogram
VOS vs VCM
VOS vs VCM
VOS vs Output Current
Warm-Up Drift vs Time
Noise Voltage vs Frequency
VOS (μV)
6.5
60812 G04
10.5
–5.5
–9.5
–1.5
2.5
LTC6081MS8
TA = 25°C
VS = 3V
VCM = 0.5V
18
16
14
12
10
8
6
4
2
0
OUTPUT CURRENT (mA)
–6
46
60812 G07
–2
2
0
–4
200
150
100
50
0
–50
–100
VS = 5V
VCM = 2.5V
TA = 125°C
TA = 25°C
TA = 55°C
SINKING
CURRENT
SOURCING CURRENT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC6078Micropower Precision Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers 1 2 3 4 5 MoreLinear Technology
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
AD866316V 180μA Low Power Low Noise Single Precision CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 Analog Devices
LT1801Dual/Quad 80MHz 25V/μs Low Power Rail-to-Rail Input and Output Precision Op Amps 1 2 3 4 5 MoreLinear Technology
ISL28276_07Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps 1 2 3 4 5 MoreIntersil Corporation
LMP2015High Precision Rail-to-Rail Output Operational Amplifier Coming SoonIntersil Corporation
ISL28288Dual Micropower Single Supply Rail-to-Rail Input and Output RRIO Precision Op-Amp 1 2 3 4 5 MoreIntersil Corporation
AD8641_05Low Power Rail-to-Rail Output Precision JFET Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8622Dual Low Power Low Noise Low Bias Current Precision Rail-to-Rail Output Op Amp 1 2 3 4 Analog Devices
AD8691_07Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl