Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5532 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology LTC5532 Datasheet HTML 10Page - Linear Technology LTC5532 Datasheet HTML 11Page - Linear Technology LTC5532 Datasheet HTML 12Page - Linear Technology LTC5532 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC5532
9
5532f
S11 Forward Reflection
Impedance
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(
Ω)(Ω)
0.30
305.23
–144.87
0.50
238.58
–173.62
0.70
185.32
–177.82
0.90
142.06
–167.59
1.10
111.93
–152.80
1.30
90.59
–139.47
1.50
75.22
– 126.45
1.70
63.37
– 114.14
1.90
53.84
– 103.83
2.10
47.11
–94.33
2.30
41.34
– 85.18
2.50
37.00
– 76.93
2.70
33.60
– 69.47
2.90
30.96
– 62.66
3.10
28.55
– 56.74
3.30
26.36
–51.02
3.50
24.52
–45.95
3.70
23.12
–40.97
3.90
22.01
–36.25
4.10
21.13
–31.82
4.30
20.44
–27.51
4.50
19.85
–23.69
4.70
19.42
– 20.18
4.90
19.03
–16.54
5.10
18.78
–12.88
5.30
18.69
– 9.21
5.50
18.80
–5.72
5.70
19.09
–2.32
5.90
19.68
0.85
6.10
20.05
3.49
6.30
20.18
6.37
6.50
20.35
9.23
6.70
19.84
12.37
6.90
19.81
15.97
7.00
19.95
17.83
5508 TA05
(DFN Package)
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5532 LINER-LTC5532 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
More results

Similar Description - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535 Datasheet
237Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com