Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4558EUD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4558EUD
Description  Dual SIM/Smart Card Power Supply and Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4558EUD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4558EUD Datasheet HTML 4Page - Linear Technology LTC4558EUD Datasheet HTML 5Page - Linear Technology LTC4558EUD Datasheet HTML 6Page - Linear Technology LTC4558EUD Datasheet HTML 7Page - Linear Technology LTC4558EUD Datasheet HTML 8Page - Linear Technology LTC4558EUD Datasheet HTML 9Page - Linear Technology LTC4558EUD Datasheet HTML 10Page - Linear Technology LTC4558EUD Datasheet HTML 11Page - Linear Technology LTC4558EUD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC4558
11
4558f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
3.00
± 0.10
(4 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
1.65
± 0.05
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
R = 0.05
TYP
0.20
± 0.05
1
PIN 1 NOTCH
R = 0.20 TYP
OR 0.25
× 45°
CHAMFER
19 20
2
0.40 BSC
0.200 REF
2.10
± 0.05
3.50
± 0.05
(4 SIDES)
0.70
±0.05
0.00 – 0.05
(UD20) QFN 0306 REV A
0.20
±0.05
0.40 BSC
PACKAGE
OUTLINE
UD Package
20-Lead Plastic QFN (3mm × 3mm)
(Reference LTC DWG # 05-08-1720 Rev A)


Similar Part No. - LTC4558EUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4558 LINER-LTC4558 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results

Similar Description - LTC4558EUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Texas Instruments
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
[Old version datasheet]   Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com