Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4442EMS8E-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4442EMS8E-TRPBF
Description  High Speed Synchronous N-Channel MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442EMS8E-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4442EMS8E-TRPBF Datasheet HTML 1Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 2Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 3Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 4Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LTC4442EMS8E-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4442/LTC4442-1
4
4442fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Thresholds vs
VLOGIC Supply Voltage
Input Thresholds for VLOGIC = 3.3V
vs Temperature
BG or TG Input Threshold Hysteresis
vs VLOGIC Supply Voltage
Quiescent Supply Current vs
Supply Voltage
Quiescent Supply Current vs
Temperature
VLOGIC Undervoltage Lockout
Thresholds vs Temperature
VLOGIC SUPPLY (V )
34
0
2
5
5
7
8
4442 G01
1
4
3
6
9
10
VIH(TG)
VIL(TG)
VIL(BG)
VIH(BG)
TEMPERATURE (°C)
0
1.0
2.0
3.0
0.5
1.5
2.5
–10
20
50
80
4442 G02
110
–40
VIH(TG)
VLOGIC = 3.3V
VIL(TG)
VIL(BG)
VIH(BG)
Input Thresholds for VLOGIC ≥ 5V
vs Temperature
TEMPERATURE (°C)
3
4
5
4442 G03
2
1
0
–10
–40
110
20
50
80
VIH(TG)
VLOGIC ≥ 5V
VIL(TG)
VIL(BG)
VIH(BG)
VLOGIC SUPPLY (V)
34
0
0.2
0.5
5
7
8
4442 G04
0.1
0.4
0.3
6
9
10
BG or TG Input Threshold
Hysteresis vs Temperature
TEMPERATURE (°C)
0.25
0.30
0.35
4442 G05
0.15
0
–40
–10
20
50
80
110
0.40
0.20
0.10
0.05
VLOGIC = 5V
VLOGIC = 3.3V
SUPPLY VOLTAGE (V)
3
0
0.1
0.3
0.4
0.5
1.0
0.7
5
7
8
4442 G06
0.2
0.8
0.9
0.6
4
6
9
10
IN FLOATING
IVLOGIC
IBOOST
IVCC
TEMPERATURE (°C)
0.6
0.8
4442 G07
0.4
0.2
0.5
0.7
0.9
1.0
0.3
0.1
0
–10
–40
110
20
50
80
IN FLOATING
VLOGIC = 5V
VCC = BOOST-TS = 7V
IVLOGIC
IBOOST
IVCC
TEMPERATURE (°C)
2.8
2.9
3.0
4442 G08
2.7
2.6
2.5
–10
–40
110
20
50
80
RISING THRESHOLD
FALLING THRESHOLD
VCC Undervoltage Lockout
Thresholds vs Temperature
TEMPERATURE (°C)
5.0
6.0
7.0
4442 G09
4.0
3.0
4.5
5.5
6.5
3.5
2.5
2.0
–10
–40
110
20
50
80
LTC4442-1 RISING THRESHOLD
LTC4442 RISING THRESHOLD
LTC4442-1 FALLING THRESHOLD
LTC4442 FALLING THRESHOLD


Similar Part No. - LTC4442EMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4442 LINER-LTC4442 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4442 LINER-LTC4442 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4442 LINER-LTC4442 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
984Kb / 28P
   Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
More results

Similar Description - LTC4442EMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
   High Speed Synchronous N-Channel MOSFET Driver
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com