Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4440ES6 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4440ES6
Description  High Speed, High Voltage High Side Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440ES6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4440ES6 Datasheet HTML 4Page - Linear Technology LTC4440ES6 Datasheet HTML 5Page - Linear Technology LTC4440ES6 Datasheet HTML 6Page - Linear Technology LTC4440ES6 Datasheet HTML 7Page - Linear Technology LTC4440ES6 Datasheet HTML 8Page - Linear Technology LTC4440ES6 Datasheet HTML 9Page - Linear Technology LTC4440ES6 Datasheet HTML 10Page - Linear Technology LTC4440ES6 Datasheet HTML 11Page - Linear Technology LTC4440ES6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC4440
4440f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1004 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1155
Dual Micropower High/Low Side Drivers with
4.5V to 18V Supply Range
Internal Charge Pump
LT
®1161
Quad Protected High Side MOSFET Driver
8V to 48V Supply Range, tON = 200µs, tOFF = 28µs
LTC1163
Triple 1.8V to 6V High Side MOSFET Driver
1.8V to 6V Supply Range, tON = 95µs, tOFF = 45µs
LT1339
High Power Synchronous DC/DC Controller
Current Mode Operation Up to 60V, Dual N-Channel Synchronous Drive
LTC1535
Isolated RS485 Transceiver
2500VRMS of Isolation Between Line Transceiver and Logic Level Interface
LTC1693 Family
High Speed Dual MOSFET Drivers
1.5A Peak Output Current, 4.5V ≤ VIN ≤ 13.2V
LT3010/LT3010-5 50mA, 3V to 80V Low Dropout Micropower Regulators
Low Quiescent Current (30µA), Stable with Small (1µF) Ceramic Capacitor
LT3430
High Voltage, 3A, 200kHz Step-Down Switching Regulator Input Voltages Up to 60V, Internal 0.1Ω Power Switch, Current Mode
Architecture, 16-Pin Exposed Pad TSSOP Package
LTC3722-1/
Synchronous Dual Mode Phase Modulated Full-Bridge
Adaptive Zero Voltage Switching, High Output Power Levels
LTC3722-2
Controllers
(Up to Kilowatts)
LTC3723-1/
Synchronous Push-Pull PWM Controllers
Current Mode or Voltage Mode Push-Pull Controllers
LTC3723-2
LT3781/LTC1698 36V to 72V Input Isolated DC/DC Converter Chip Set
Synchronous Rectification; Overcurrent, Overvoltage, UVLO Protection;
Power Good Output Signal; Voltage Margining; Compact Solution
LT3804
Secondary Side Dual Output Controller with Opto Driver
Regulates Two Secondary Outputs, Optocoupler Feedback Divider and
Second Output Synchronous Driver Controller
LTC3900
Synchronous Rectifier Driver for Forward Converters
Programmable Time Out, Reverse Inductor Current Sense
LTC3901
Secondary Side Synchronous Driver for Push-Pull and
Programmable Time Out, Reverse Inductor Current Sense
Full-Bridge Converters
LTC4441
6A MOSFET Driver
Adjustable Gate Drive from 5V to 8V, 5V ≤ VIN ≤ 28V
TYPICAL APPLICATIO
LTC3723-2/LTC4440/LTC3901 240W 42V-56VIN to Unregulated 12V Half-Bridge Converter
5
4
6
A
B
11V
12V
VIN
MMBT3904
15
LTC3723EGN-2
DRVB
SDRB
SDRA
COMP
VCC
UVLO
12
62k
330pF
12V
MMBZ5242B
150pF
1
0.47µF
1µF
DRVA
DPRG
VREF RAMP
SPRG GND
SS
CS
FB
CT
470pF
0.47µF
4.7k
0.22µF
2N7002
B
CS+
T3
1(1.5mH):0.5
T1
5:4:4:2:2
1µF
8
913
1k
22Ω
0.1µF
C1
2.2nF
250V
1µF
100V
1µF
100V
1µF
100V
1µF
100V
0.22µF
Si7370DP
×2
Si7852DP
×2
1
6
5
4
2
3
A
Si7370DP
×2
1500pF
100V
L2 0.22µH
L3
1mH
C3
68µF
VF
11
3
2
8
19
5
4
16
10k
120Ω
30.1k
7
10 14
7.5Ω
D4
D5
7.5Ω
220pF
100Ω
10k
3k
4.7k
1/4W
100pF
215k
15k
1/4W
SYNC
PVCC
CSF+
VF
LTC3901EGN
CSF
8
11
12
1
410
13
7
1µF
1µF
4440 TA04
–VOUT
10V
MMBZ5240B
1k
VOUT
MF MF2
GND PGND GND2 PGND2
TIMER
VCC
330pF
14 15
10k
3k
33.2k
100Ω
4.7k
1/4W
CSE+
VE
20Ω 1W
–VOUT
VOUT
VOUT
–VOUT
CSE
65
ME ME2
23
16
MMBT3904
Si7852DP
×2
L1
0.56µH
7
2
4
CS+
T2
70(980µH):1
8
7
1
3
12V
D2
D1
D3
3
5
1
6
9
11
VE
+
LTC4440ES6
BOOST
INP
TG
TS
GND
VCC
11V
1µF
100V
VIN
VIN
–VIN
48VIN
1µF
100V
C2
180µF
16V
+
1µF
1µF, 100V TDK C4532X7R2A105M
C1: MURATA DE2E3KH222MB3B
C2: SANYO 16SP180M
C3: AVX TPSE686M020R0150
D1-D3: BAS21
D4, D5: MMBD914
L1: COILCRAFT DO1813P-561HC
L2: SUMIDA CDEP105-0R2NC-50
L3: COILCRAFT DO1608C-105
T1: PULSE PA0801.005
T2: PULSE P8207
T3: PULSE PA0785


Similar Part No. - LTC4440ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440ES6 LINER-LTC4440ES6 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440ES6-5 LINER-LTC4440ES6-5 Datasheet
267Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
More results

Similar Description - LTC4440ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com