Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4440-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4440-5
Description  High Speed, High Voltage, High Side Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4440-5 Datasheet HTML 4Page - Linear Technology LTC4440-5 Datasheet HTML 5Page - Linear Technology LTC4440-5 Datasheet HTML 6Page - Linear Technology LTC4440-5 Datasheet HTML 7Page - Linear Technology LTC4440-5 Datasheet HTML 8Page - Linear Technology LTC4440-5 Datasheet HTML 9Page - Linear Technology LTC4440-5 Datasheet HTML 10Page - Linear Technology LTC4440-5 Datasheet HTML 11Page - Linear Technology LTC4440-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC4440-5
44405fa
PACKAGE DESCRIPTION
MS8E Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1662)
MSOP (MS8E) 0603
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.127
± 0.076
(.005
± .003)
0.86
(.034)
REF
0.65
(.0256)
BSC
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE
PLANE
12
3
4
4.90
± 0.152
(.193
± .006)
8
8
1
BOTTOM VIEW OF
EXPOSED PAD OPTION
7 6 5
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
(NOTE 4)
0.52
(.0205)
REF
1.83
± 0.102
(.072
± .004)
2.06
± 0.102
(.081
± .004)
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
2.083
± 0.102
(.082
± .004)
2.794
± 0.102
(.110
± .004)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.038
(.0165
± .0015)
TYP
0.65
(.0256)
BSC
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302 REV B
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)


Similar Part No. - LTC4440-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440-5 LINER-LTC4440-5 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
More results

Similar Description - LTC4440-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com