Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4402-2EMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4402-2EMS
Description  Multiband RF Power Controllers for EDGE/TDMA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4402-2EMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4402-2EMS Datasheet HTML 2Page - Linear Technology LTC4402-2EMS Datasheet HTML 3Page - Linear Technology LTC4402-2EMS Datasheet HTML 4Page - Linear Technology LTC4402-2EMS Datasheet HTML 5Page - Linear Technology LTC4402-2EMS Datasheet HTML 6Page - Linear Technology LTC4402-2EMS Datasheet HTML 7Page - Linear Technology LTC4402-2EMS Datasheet HTML 8Page - Linear Technology LTC4402-2EMS Datasheet HTML 9Page - Linear Technology LTC4402-2EMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4402-1/LTC4402-2
4402f
This closes the RF power control loop and the RF power is
then controlled during ramp down.
LTC4402-1 Description
The LTC4402-1 is identical in performance to the
LTC4402-2 except that only one control output (VPCA) is
available. The LTC4402-1 can drive a single band (300MHz
to 2400MHz) or a dual RF channel module with an
internal multiplexer. Several manufacturers offer dual RF
channel modules with an internal multiplexer.
General Layout Considerations
The LTC4402-X should be placed near the coupling com-
ponents. The feedback signal line to the RF pin should be
a 50
Ω transmission line.
Capacitive Coupling
An alternative to a directional coupler is illustrated on the
first page of this data sheet. This method couples RF from
the power amplifier to the power controller through a
0.4pF
±0.05pF capacitor and 50Ω series resistor, com-
pletely eliminating the directional coupler.
APPLICATIONS INFORMATION
LTC4402-X Timing Diagram
Application Note AN91 describes the capacitive coupling
scheme in full detail. Demo boards featuring this coupling
method are available upon request.
Power Ramp Profiles
The external voltage gain associated with the RF channel
can vary significantly between RF power amplifier types.
Frequency compensation generally defines the loop dy-
namics that impact the power/time response and possibly
(slow loops) the power ramp sidebands. The LTC4402-X
operates open loop until an RF voltage appears at the RF
pin, at which time the loop closes and the output power
follows the DAC profile. The RF power amplifier will
require a certain control voltage level (threshold) before an
RF output signal is produced. The LTC4402-X VPCA/B
outputs must quickly rise to this threshold voltage in order
to meet the power/time profile. To reduce this time, the
LTC4402-X starts at 450mV. However, at very low power
levels the PCTL input signal is small, and the VPCA/B
outputs may take several microseconds to reach the RF
power amplifier threshold voltage. To reduce this time, it
may be necessary to apply a positive pulse at the start of
the ramp to quickly bring the VPCA/B outputs to the
threshold voltage. This can generally be achieved with
DAC programming. The magnitude of the pulse is depen-
dent on the RF amplifier characteristics.
Power ramp sidebands and power/time are also a factor
when ramping to zero power. For RF amplifiers requiring
high control voltages, it may be necessary to further adjust
the DAC ramp profile. When the power is ramped down,
the loop will eventually open at power levels below the
LTC4402-X detector threshold. The LTC4402-X will then
go open loop and the output voltage at VPCA or VPCB will
stop falling. If this voltage is high enough to produce RF
output power, the power/time or power ramp sidebands
may not meet specification. This problem can be avoided
by starting the DAC ramp from 200mV (Figure 1). At the
end of the cycle, the DAC can be ramped down to 0mV.
This applies a negative signal to the LTC4402-X thereby
ensuring that the VPCA/B outputs will ramp to 0V. The
200mV ramp step must be applied at least 2
µs after SHDN
is asserted high to allow the autozero to cancel the step.
11
µs28µs
2
µs
28
µs
543
µs
T1
T2 T3
T4
T6
T5
T8
T7
VSTART
SHDN
VPCA/B
VHOLD
PCTL
4402 TD
T1: PART COMES OUT OF SHUTDOWN 11
µs PRIOR TO BURST.
T2: INTERNAL TIMER COMPLETES AUTOZERO CORRECTION, TYPICALLY 9
µs.
T3: BASEBAND CONTROLLER STARTS RF POWER RAMP UP AT LEAST 11
µs AFTER
SHDN IS ASSERTED HIGH.
T4: BASEBAND CONTROLLER COMPLETES RAMP UP.
T5: CONTROL LOOP OPENS, VPCA/B VOLTAGE HELD, AM MODULATION STARTS.
T6: AM MODULATION STOPS, CONTROL LOOP CLOSES, VPCA/B WILL FOLLOW DAC.
T7: BASEBAND CONTROLLER STARTS RF POWER RAMP DOWN AT END OF BURST.
T8: RETURNS TO SHUTDOWN MODE BETWEEN BURSTS.
AM MODULATION PERIOD


Similar Part No. - LTC4402-2EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4402-2 LINER-LTC4402-2 Datasheet
208Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4402-2 LINER-LTC4402-2_15 Datasheet
208Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
More results

Similar Description - LTC4402-2EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4403-2 LINER-LTC4403-2_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1 Datasheet
194Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4402-2 LINER-LTC4402-2_15 Datasheet
208Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com