Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4401-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4401-2
Description  RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4401-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4401-2 Datasheet HTML 3Page - Linear Technology LTC4401-2 Datasheet HTML 4Page - Linear Technology LTC4401-2 Datasheet HTML 5Page - Linear Technology LTC4401-2 Datasheet HTML 6Page - Linear Technology LTC4401-2 Datasheet HTML 7Page - Linear Technology LTC4401-2 Datasheet HTML 8Page - Linear Technology LTC4401-2 Datasheet HTML 9Page - Linear Technology LTC4401-2 Datasheet HTML 10Page - Linear Technology LTC4401-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC4401-1/LTC4401-2
4401fa
APPLICATIONS INFORMATION
Operation
The LTC4401-X RF power control amplifier integrates
several functions to provide RF power control over fre-
quencies ranging from 300MHz to 2.7GHz. This product is
well suited to control RF power amplifiers that exhibit slow
turn-on times. The device also prevents damage to the RF
power amplifier due to overvoltage conditions. These
functions include an internally compensated power con-
trol amplifier to control the RF output power, an autozero
section to cancel internal and external voltage offsets, an
RF Schottky diode peak detector and amplifier to convert
the RF feedback signal to DC, a VPCA/B overvoltage clamp,
compression and a bandgap reference.
Band Selection
The LTC4401-2 is designed to drive two separate power
control lines. The BSEL pin will select VPCA when low and
VPCB when high. BSEL must be established prior to SHDN
being asserted high.
Control Amplifier
The control amplifier supplies the power control voltage to
the RF power amplifier. A portion (typically – 19dB for low
frequencies and –14dB for high frequencies) of the RF
output voltage is sampled, via a directional coupler, to
close the gain control loop. When a DAC voltage is applied
to PCTL, the amplifier quickly servos VPCA/B positive until
the detected feedback voltage applied to the RF pin matches
the voltage at PCTL. This feedback loop provides accurate
RF power control. VPCA/B is capable of driving a 6mA load
current and 100pF load capacitor.
Control Amplifier Compression
The gain compression breakpoints are at PCTL = 80mV
and PCTL = 160mV. Above 160mV the gain does not
change. The compression changes the feedback attenua-
tion thereby reducing the loop gain.
RF Detector
The internal RF Schottky diode peak detector and ampli-
fier converts the RF feedback voltage from the directional
coupler to a low frequency voltage. This voltage is com-
pared to the DAC voltage at the PCTL pin by the control
amplifier to close the RF power control loop. The RF pin
input resistance is typically 250
Ω and the frequency
range of this pin is 300MHz to 2700MHzfor the LTC4401-1
and 300MHz to 2000MHz for the LTC4401-2. The detector
demonstrates excellent efficiency over a wide range of
input power. The Schottky detector is biased at about
60
µA and drives an on-chip peak detector capacitor of
28pF.
Autozero
An autozero system is included to improve power pro-
gramming accuracy over temperature. This section can-
cels internal offsets associated with the Schottky diode
detector and control amplifier. External offsets associated
with the DAC driving the PCTL pin are also cancelled.
Offset drift due to temperature is cancelled between each
burst. The maximum offset voltage allowed at the DAC
output is limited to 400mV. Autozeroing is performed
during a 10
µs period after SHDN is asserted high. An
internal timer enables the VPCA/B output after 10µs. The
autozero capacitors are held and the VPCA/B pin is con-
nected to the control amplifier output. The hold droop
voltage of typically < 1
µV/ms provides for accurate offset
cancellation. The part should be shut down between
bursts or after multiple consecutive bursts.
Filter
There is a 270kHz two pole filter included in the PCTL path
to remove DAC noise.
Protection Features
The RF power amplifier control voltage pin is overvoltage
protected. The VPCA/B overvoltage clamp regulates
VPCA/B to 2.9V when the gain and PCTL input combination
attempts to exceed this voltage.
Modes of Operation
Shutdown: The part is in shutdown mode when SHDN is
low. VPCA/B is held at ground and the power supply current
is typically 10
µA.


Similar Part No. - LTC4401-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-2 LINER-LTC4401-2 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results

Similar Description - LTC4401-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com