Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4358IFE-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4358IFE-PBF
Description  5A Ideal Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358IFE-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4358IFE-PBF Datasheet HTML 4Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 5Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 6Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 7Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 8Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 9Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 10Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 11Page - Linear Technology LTC4358IFE-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4358
9
4358fa
DIODE CURRENT (A)
3.5
4.5
10
4358 F05
0.1
1
4.0
6.5
6.0
5.5
5.0
3.0
85 C
70 C
25 C
TA =
50 C
Figure 5. Maximum Diode Current vs PCB Area
APPLICATIONS INFORMATION
VIN
GND
VOUT
Figure 4. DFN Layout Considerations for 1”
× 1” Single Sided PCB


Similar Part No. - LTC4358IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4358 LINER-LTC4358 Datasheet
160Kb / 12P
   5A Ideal Diode
logo
Analog Devices
LTC4358 AD-LTC4358 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
LTC4358 AD-LTC4358 Datasheet
1Mb / 14P
   18V, 12A Ideal Diode
LTC4358 AD-LTC4358 Datasheet
1Mb / 14P
   40V, 7A Ideal Diode
More results

Similar Description - LTC4358IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
   5A Ideal Diode
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
Analog Devices
LTC4450 AD-LTC4450 Datasheet
1Mb / 14P
   18V, 12A Ideal Diode
LTC4451 AD-LTC4451 Datasheet
1Mb / 14P
   40V, 7A Ideal Diode
logo
Linear Technology
LTC4364-1 LINER-LTC4364-1_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4364-1 LINER-LTC4364-1 Datasheet
289Kb / 24P
   Surge Stopper with Ideal Diode
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com