Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4357IDCB-TRMPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4357IDCB-TRMPBF
Description  Positive High Voltage Ideal Diode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357IDCB-TRMPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4357IDCB-TRMPBF Datasheet HTML 1Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4357IDCB-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4357
4
4357fb
TYPICAL PERFORMANCE CHARACTERISTICS
FET Turn-Off Time vs GATE
Capacitance
FET Turn-Off Time vs Initial
Overdrive
FET Turn-Off Time vs Final
Overdrive
VDD Current (IDD vs VDD)
IN Current (IIN vs VIN)
OUT Current (IOUT vs VOUT)
GATE Current vs Forward Drop
(IGATE(UP) vs ΔVSD)
GATE Voltage vs GATE Current
(
ΔVGATE vs IGATE)
VDD (V)
0
400
600
80
4357 G01
200
0
20
40
60
800
VDD = VIN = VOUT
VIN (V)
0
200
300
80
4357 G02
100
0
20
40
60
400
VDD = VIN = VOUT
VOUT (V)
0
60
90
80
4357 G03
30
0
20
40
60
120
VDD = VIN = VOUT
VSD (mV)
–50
–50
–25
0
25
050
4357 G04
100
150
VGATE = 2.5V
IGATE (μA)
0
0
5
10
15
510
15
20
4357 G06
25
VIN > 18V
VIN = 12V
VIN = 9V
CGATE (nF)
0
300
400
500
30
50
80
4357 G07
200
100
0
10
20
40
60
70
VGATE < VIN + 1V
ΔVSD = 50mV –1V
VINITIAL (V)
0
200
300
0.8
4357 G08
100
0
0.2
0.4
0.6
1.0
400
VIN = 48V
ΔVSD = VINITIAL –1V
VFINAL (V)
–1
1000
1500
–0.2
4357 G09
500
0
–0.8
–0.6
–0.4
0
2000
VIN = 48V
ΔVSD = 55mV VFINAL


Similar Part No. - LTC4357IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com